Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2370 Datasheet (PDF) - Texas Instruments

TPS2370 Datasheet PDF - Texas Instruments
Part # TPS2370
Download  TPS2370 Download
File Size   542.8 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET (PoE) POWERED DEVICES

TPS2370 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2370 Datasheet PDF - Texas Instruments

Part # TPS2370
Download  TPS2370 Click to download

File Size   542.8 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET (PoE) POWERED DEVICES

TPS2370 Datasheet (HTML) - Texas Instruments


TPS2370 Product details

FEATURES
Integrated Power Interface Switch for IEEE
802.3af Powered Devices (PDs)
Provides PD Detection Signature
Provides PD Classification Signature
(Class 0−4)
Programmable Inrush Current Limit
Internal 0.3-Ω Low-Side FET
Interfaces to DC/DC Soft-Start for DC/DC
Enable
Internal Thermal Protection – Disconnects PD
Load
Minimal External Parts Count
8-Pin SOIC, 8-Pin TSSOP Packages

APPLICATIONS
VoIP Phones
Internet Appliances
Wireless LAN Access Points
Bluetooth Access Points

DESCRIPTION
Acting as an interface between the power sourcing
equipment (PSE) and the powered device (PD), the
TPS2370 performs all detection, classification, inrush
current limiting, and switch FET control that is
necessary for compliance with the IEEE 802.3af
Standard. An internal 0.3-Ω FET provides maximum
power delivery. As an additional feature, the TPS2370
interfaces with the enable/soft-start signal of a dc-to-dc
converter, eliminating the need to have an accurate
UVLO in the dc-to-dc converter.
At low input voltages (1.8 V to 10 V), the TPS2370
draws less than 12 μA, allowing accurate sensing of the
external 24.9-kΩ discovery resistor. At input voltages
between 15 V and 20 V, an external resistor sets the
level of current to be drawn during classification mode.
TPS2370 is compatible with current as well as voltage
measurement schemes for classification. Above 20-V
input, the classification current is shut off, reducing
internal power dissipation.
The TPS2370 drives an internal low-side FET for
control of the return side of the power path. The internal
FET is turned on when the input voltage reaches 40 V
and above. When the input voltage decreases, the FET
remains on until the input voltage drops to below 30 V.




Similar Part No. - TPS2370

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
TPS2370 TI1-TPS2370 Datasheet
1Mb / 19P
IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
logo
Pulse A Technitrol Comp...
TPS2370 PULSE-TPS2370 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Texas Instruments
TPS2370D TI-TPS2370D Datasheet
212Kb / 13P
IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
TPS2370DR TI1-TPS2370DR Datasheet
1Mb / 19P
IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
More results


Similar Description - TPS2370

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
MAX5941A MAXIM-MAX5941A Datasheet
453Kb / 24P
IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5942A MAXIM-MAX5942A Datasheet
465Kb / 24P
IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
logo
Texas Instruments
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
logo
Maxim Integrated Produc...
MAX5941A MAXIM-MAX5941A_06 Datasheet
372Kb / 24P
IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
logo
Linear Technology
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
TPS2370 TI1-TPS2370_16 Datasheet
1Mb / 19P
IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com