Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2371 Datasheet (PDF) - Texas Instruments

TPS2371 Datasheet PDF - Texas Instruments
Part # TPS2371
Download  TPS2371 Download
File Size   486.22 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LEGACY/IEEE802.3af COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET (PoE) POWERED DEVICES

TPS2371 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2371 Datasheet PDF - Texas Instruments

Part # TPS2371
Download  TPS2371 Click to download

File Size   486.22 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LEGACY/IEEE802.3af COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET (PoE) POWERED DEVICES

TPS2371 Datasheet (HTML) - Texas Instruments


TPS2371 Product details

FEATURES
Integrated Power Interface Switch for IEEE
802.3af Powered Devices (PDs)
Precision UVLO Thresholds
20-ms UVLO Off-Time Delay
Provides PD Detection Signature
Provides PD Classification Signature
(Class 0−4)
Programmable Inrush Current Limit
Internal 0.3-Ω Low-Side FET
Interfaces to DC/DC Soft-Start for DC/DC
Enable
Internal Thermal Protection – Disconnects
PD Load
8-Pin SOIC, 8-Pin TSSOP Packages

APPLICATIONS
VoIP Phones
Internet Appliances
Wireless LAN Access Points
Bluetooth Access Points

DESCRIPTION
Acting as an interface between the Power Source
Equipment (PSE) and the Powered Device (PD),
the TPS2371 performs all detection, class−
ification, inrush current limiting, and switch FET
control that is necessary for compatibility with
Legacy/IEEE 802.3af Standard. The TPS2371
incorporates precision UVLO thresholds and
hysteresis as well as a UVLO off-time delay to
enable Legacy IEEE802.3af PoE compatibilty. An
internal 0.3-Ω FET provides maximum power
delivery. As an additional feature, the TPS2371
interfaces with the enable/soft-start signal of a
dc-to-dc converter, eliminating the need to have
an accurate UVLO in the dc-to-dc converter.
At low input voltages (1.8 V to 10 V), the TPS2371
draws less than 12 μA, allowing accurate sensing
of the external 24.9-kΩ discovery resistor. At input
voltages between 15 V and 20 V, an external
resistor sets the level of current to be drawn during
classification mode. TPS2371 is compatible with
current as well as voltage measurement schemes
for classification. Above 20-V input, the
classification current is shut off, reducing internal
power dissipation.




Similar Part No. - TPS2371

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2371 TI-TPS2371 Datasheet
283Kb / 14P
LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
TPS2371 TI1-TPS2371 Datasheet
1Mb / 21P
LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
TPS2371D TI-TPS2371D Datasheet
283Kb / 14P
LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
TPS2371DR TI1-TPS2371DR Datasheet
1Mb / 21P
LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
TPS2371PW TI-TPS2371PW Datasheet
283Kb / 14P
LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
More results


Similar Description - TPS2371

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5942A MAXIM-MAX5942A Datasheet
465Kb / 24P
IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
logo
Texas Instruments
TPS2371 TI-TPS2371 Datasheet
283Kb / 14P
LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_10 Datasheet
826Kb / 1P
Power Over Ethernet (PoE)
logo
SL Power Electronics
PW180KB SLPOWER-PW180KB Datasheet
270Kb / 2P
Power over Ethernet IEEE802.3af Compliant
logo
Monolithic Power System...
MP8001 MPS-MP8001 Datasheet
238Kb / 8P
15W Power Over Ethernet PoE Powered Device (PD) Controller
logo
Level One
FCS-1101 LVL1-FCS-1101 Datasheet
191Kb / 3P
PoE(Power over Ethernet)
logo
Texas Instruments
TPS2371 TI1-TPS2371_15 Datasheet
1Mb / 21P
LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
TPS2370 TI1-TPS2370_16 Datasheet
1Mb / 19P
IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
logo
Maxim Integrated Produc...
MAX5942A MAXIM-MAX5942A_V01 Datasheet
461Kb / 24P
IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com