Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS76301DBVR Datasheet (PDF) - Texas Instruments

TPS76301DBVR Datasheet PDF - Texas Instruments
Part # TPS76301DBVR
Download  TPS76301DBVR Download
File Size   690.07 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS763 Low-Power, 150-mA, Low-Dropout Linear Regulator

TPS76301DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS76301DBVR Datasheet PDF - Texas Instruments

Part # TPS76301DBVR
Download  TPS76301DBVR Click to download

File Size   690.07 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS763 Low-Power, 150-mA, Low-Dropout Linear Regulator

TPS76301DBVR Datasheet (HTML) - Texas Instruments


TPS76301DBVR Product details

1 Features
1• 150-mA, low-dropout regulator
• Output voltage: 5 V, 3.8 V, 3.3 V, 3 V, 2.8 V,
2.7 V, 2.5 V, 1.8 V, 1.6 V, and variable
• Dropout voltage, typically 300 mV at 150 mA
• Thermal protection
• Overcurrent limitation
• Less than 2-μA quiescent current in shutdown
mode
• –40°C to 125°C operating junction temperature
range
• 5-pin SOT-23 (DBV) package

2 Applications
• Electricity meters
• Solar inverters
• HVAC systems
• Servo drives and motion control
• Sensor transmitters

3 Description
The TPS763xx family of low-dropout (LDO) voltage
regulators offers the benefits of low-dropout voltage,
low-power operation, and miniaturized packaging.
These regulators feature low dropout voltages and
quiescent currents compared to conventional LDO
regulators. Offered in a 5-pin, small outline
integrated-circuit SOT-23 package, the TPS763xx
series devices are ideal for cost-sensitive designs
and for applications where board space is at a
premium.
A combination of new circuit design and process
innovation has enabled the usual pnp pass transistor
to be replaced by a PMOS pass element. Because
the PMOS pass element behaves as a low-value
resistor, the dropout voltage is low—typically 300 mV
at 150 mA of load current (TPS76333)—and is
directly proportional to the load current. Because the
PMOS pass element is a voltage-driven device, the
quiescent current is low (140 μA maximum) and is
stable over the entire range of output load current
(0 mA to 150 mA). Intended for use in portable
systems such as laptops and cellular phones, the
low-dropout voltage feature and low-power operation
result in a significant increase in system battery
operating life.
The TPS763xx also features a logic-enabled sleep
mode to shut down the regulator, reducing quiescent
current to 1 μA maximum at TJ = 25°C.The
TPS763xx is offered in 1.6-V ,1.8-V, 2.5-V, 2.7-V,
2.8-V, 3-V, 3.3-V, 3.8-V, and 5-V fixed-voltage
versions and in a variable version (programmable
over the range of 1.5 V to 6.5 V).




Similar Part No. - TPS76301DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301DBVR TI-TPS76301DBVR Datasheet
305Kb / 20P
LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301DBVR TI1-TPS76301DBVR Datasheet
1Mb / 25P
LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301DBVR TI1-TPS76301DBVR Datasheet
685Kb / 28P
TPS763 Low-Power, 150-mA, Low-Dropout Linear Regulator
SEPTEMBER 2019
TPS76301DBVRG4 TI-TPS76301DBVRG4 Datasheet
305Kb / 20P
LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301DBVRG4 TI1-TPS76301DBVRG4 Datasheet
1Mb / 25P
LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Similar Description - TPS76301DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
Analog Devices
ADP1710 AD-ADP1710 Datasheet
405Kb / 16P
150 mA, Low Dropout, CMOS Linear Regulator
10/06-Revision 0
logo
ON Semiconductor
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
logo
Texas Instruments
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
Analog Devices
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
150 mA Low Dropout Regulator
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com