Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10ETS12-M3 Datasheet (PDF) - Inchange Semiconductor Company Limited

10ETS12-M3 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 10ETS12-M3
Download  10ETS12-M3 Download
File Size   279.97 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Voltage Input Rectifier Diode

10ETS12-M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
10ETS12-M3 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 10ETS12-M3
Download  10ETS12-M3 Click to download

File Size   279.97 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Voltage Input Rectifier Diode

10ETS12-M3 Datasheet (HTML) - Inchange Semiconductor Company Limited


10ETS12-M3 Product details

FEATURES
· Glass Passivated Pellet Chip Junction
· Low Forward Voltage Drop
· 150℃ Max. Operating Junction Temperature
APPLICATIONS
· IEV/HEV Battery Chargers
· Input Rectification
· Main Rectification (Single or Three Phase Bridge)




Similar Part No. - 10ETS12-M3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS12 IRF-10ETS12 Datasheet
70Kb / 5P
INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 7P
INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 6P
INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
logo
Vishay Siliconix
10ETS12 VISHAY-10ETS12 Datasheet
186Kb / 7P
Input Rectifier Diode, 10 A
22-Jul-10
logo
Inchange Semiconductor ...
10ETS12F ISC-10ETS12F Datasheet
265Kb / 2P
Input Rectifier Diode
More results


Similar Description - 10ETS12-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40EPS16PBF VISHAY-VS-40EPS16PBF Datasheet
186Kb / 7P
High Voltage, Input Rectifier Diode, 40 A
12-Feb-16
VS-60EPSPBF VISHAY-VS-60EPSPBF Datasheet
158Kb / 7P
High Voltage Input Rectifier Diode, 60 A
12-Feb-16
VS-45EPS12LHM3 VISHAY-VS-45EPS12LHM3 Datasheet
178Kb / 6P
High Voltage Input Rectifier Diode
22-Feb-18
VS-45EPS16LHM3 VISHAY-VS-45EPS16LHM3 Datasheet
169Kb / 6P
High Voltage Input Rectifier Diode
22-Feb-18
VS-65EPS12LHM3 VISHAY-VS-65EPS12LHM3 Datasheet
164Kb / 6P
High Voltage Input Rectifier Diode
22-Feb-18
VS-65EPS16LHM3 VISHAY-VS-65EPS16LHM3 Datasheet
158Kb / 6P
High Voltage Input Rectifier Diode
22-Feb-18
VS-90EPS16L-M3 VISHAY-VS-90EPS16L-M3_V01 Datasheet
182Kb / 7P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
VS-45EPS16L-M3 VISHAY-VS-45EPS16L-M3_V01 Datasheet
194Kb / 7P
High Voltage Input Rectifier Diode, 45 A
Revision: 06-Jul-2018
VS-45EPS16LHM3 VISHAY-VS-45EPS16LHM3_V01 Datasheet
209Kb / 7P
High Voltage Input Rectifier Diode, 45 A
Revision: 22-Feb-18
VS-65EPS12LHM3 VISHAY-VS-65EPS12LHM3_V01 Datasheet
204Kb / 7P
High Voltage Input Rectifier Diode, 65 A
22-Feb-18
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com