Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10ETS12 Datasheet (PDF) - Vishay Siliconix

10ETS12 Datasheet PDF - Vishay Siliconix
Part # 10ETS12
Download  10ETS12 Download
File Size   186.55 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Input Rectifier Diode, 10 A

10ETS12 Datasheet (PDF)

Go To PDF Page Download Datasheet
10ETS12 Datasheet PDF - Vishay Siliconix

Part # 10ETS12
Download  10ETS12 Click to download

File Size   186.55 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Input Rectifier Diode, 10 A

10ETS12 Datasheet (HTML) - Vishay Siliconix


10ETS12 Product details

DESCRIPTION
The 10ETS..PbF rectifier series has been optimized for very low forward voltage drop, with moderate leakage.
The glass passivation technology used has reliable operation up to 150 °C junction temperature.

FEATURES
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level

APPLICATIONS
• Input rectification
• Vishay Semiconductors switches and output rectifiers
   which are available in identical package outlines




Similar Part No. - 10ETS12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS12 IRF-10ETS12 Datasheet
70Kb / 5P
INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 7P
INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 6P
INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
logo
Inchange Semiconductor ...
10ETS12-M3 ISC-10ETS12-M3 Datasheet
279Kb / 2P
High Voltage Input Rectifier Diode
10ETS12F ISC-10ETS12F Datasheet
265Kb / 2P
Input Rectifier Diode
More results


Similar Description - 10ETS12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10ETS08SPBF VISHAY-10ETS08SPBF Datasheet
168Kb / 7P
Input Rectifier Diode, 10 A
08-Apr-10
VS-10ETSFPPBF VISHAY-VS-10ETSFPPBF Datasheet
140Kb / 7P
High Voltage, Input Rectifier Diode, 10 A
18-Jun-13
VS-10ETSPBF VISHAY-VS-10ETSPBF Datasheet
179Kb / 7P
High Voltage, Input Rectifier Diode, 10 A
12-Feb-16
VS-10ETS12THM3 VISHAY-VS-10ETS12THM3 Datasheet
174Kb / 6P
High Voltage, Input Rectifier Diode, 10 A
27-Mar-2019
VS-10ETS0810FP-M3 VISHAY-VS-10ETS0810FP-M3 Datasheet
149Kb / 7P
High Voltage, Input Rectifier Diode, 10 A
15-Sep-17
VS-10ETS08-M3 VISHAY-VS-10ETS08-M3 Datasheet
169Kb / 6P
High Voltage, Input Rectifier Diode, 10 A
23-Nov-17
VS-10ETS-M3 VISHAY-VS-10ETS-M3 Datasheet
181Kb / 6P
High Voltage, Input Rectifier Diode, 10 A
Revision: 29-Nov-2021
VS-10ETS08FP-M3 VISHAY-VS-10ETS08FP-M3_V01 Datasheet
150Kb / 7P
High Voltage, Input Rectifier Diode, 10 A
Revision: 15-Sep-17
VS-10ETS12THM3 VISHAY-VS-10ETS12THM3_V01 Datasheet
171Kb / 6P
High Voltage, Input Rectifier Diode, 10 A
27-Mar-2019
VS-10ETSPBF VISHAY-VS-10ETSPBF_V01 Datasheet
152Kb / 7P
High Voltage, Input Rectifier Diode, 10 A
12-Feb-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com