Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08200 Datasheet (PDF) - Texas Instruments

ADC08200 Datasheet PDF - Texas Instruments
Part # ADC08200
Download  ADC08200 Download
File Size   882.77 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC08200 8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter with Internal Sampleand- Hold

ADC08200 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC08200 Datasheet PDF - Texas Instruments

Part # ADC08200
Download  ADC08200 Click to download

File Size   882.77 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC08200 8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter with Internal Sampleand- Hold

ADC08200 Datasheet (HTML) - Texas Instruments


ADC08200 Product details

1FEATURES
2• Single-Ended Input
• Internal Sample-and-Hold Function
• Low Voltage (Single +3V) Operation
• Small Package
• Power-Down Feature

KEY SPECIFICATIONS
• Resolution 8 Bits
• Maximum sampling frequency 200 Msps (min)
• DNL ±0.4 LSB (typ)
• ENOB (f IN = 50 MHz) 7.3 bits (typ)
• THD (fIN = 50 MHz) 61 dB (typ)
• Power Consumption
– Operating 1.05 mW/Msps (typ)
– Power Down 1 mW (typ)

APPLICATIONS
• Flat Panel Displays
• Projection Systems
• Set-Top Boxes
• Battery-Powered Instruments
• Communications
• Medical Imaging
• Astronomy

DESCRIPTION
The ADC08200 is a low-power, 8-bit, monolithic
analog-to-digital converter with an on-chip track-and-
hold circuit. Optimized for low cost, low power, small
size and ease of use, this product operates at
conversion rates up to 230 Msps while consuming
just 1.05 mW per MHz of clock frequency, or 210 mW at 200 Msps. Raising the PD pin puts the ADC08200
into a Power Down mode where it consumes about 1
mW.
The unique architecture achieves 7.3 Effective Bits
with 50 MHz input frequency. The ADC08200 is
resistant to latch-up and the outputs are short-circuit
proof. The top and bottom of the ADC08200's
reference ladder are available for connections,
enabling a wide range of input possibilities. The
digital outputs are TTL/CMOS compatible with a
separate output power supply pin to support
interfacing with 3V or 2.5V logic. The digital inputs
CLK and PD) are TTL/CMOS compatible. The output
data format is straight binary.
The ADC08200 is offered in a 24-lead TSSOP
package and, while specified over the industrial
temperature range of −40°C to +85°C, it will function
over the to −40°C to +105°C temperature range.




Similar Part No. - ADC08200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08200 NSC-ADC08200 Datasheet
435Kb / 20P
8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
ADC08200 TI2-ADC08200 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
logo
National Semiconductor ...
ADC08200CIMT NSC-ADC08200CIMT Datasheet
905Kb / 19P
8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
More results


Similar Description - ADC08200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08L060 NSC-ADC08L060 Datasheet
565Kb / 19P
8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
8-Bit, 200 MSPS A/D Converter
REV.0
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
logo
National Semiconductor ...
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 NSC-ADC08L060_08 Datasheet
454Kb / 20P
8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08200 NSC-ADC08200_08 Datasheet
435Kb / 20P
8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08060 TI1-ADC08060_14 Datasheet
1Mb / 29P
8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
ADC08L060 TI1-ADC08L060_14 Datasheet
1Mb / 29P
8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com