Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7720 Datasheet (PDF) - List of Unclassifed Manufacturers

SPT7720 Datasheet PDF - List of Unclassifed Manufacturers
Part # SPT7720
Download  SPT7720 Download
File Size   96.96 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 8-BIT, 200 MSPS A/D CONVERTER

SPT7720 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7720 Datasheet PDF - List of Unclassifed Manufacturers

Part # SPT7720
Download  SPT7720 Click to download

File Size   96.96 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 8-BIT, 200 MSPS A/D CONVERTER

SPT7720 Datasheet (HTML) - List of Unclassifed Manufacturers


SPT7720 Product details

[SPT]

GENERAL DESCRIPTION
The SPT7720 is an 8-bit, high-speed, analog-to-digital converter implemented in a 0.5 µm BiCMOS process. It utilizes a folding and interpolating architecture that provides both high sample rates and low power. The device comes complete with a high bandwidth track-and-hold amplifier and internal voltage reference.
The SPT7720 digital inputs interface directly to TTL, CMOS or positive ECL (PECL) logic. The digital outputs are user selectable in either single-channel or dual-channel modes. It is a pin-compatible, direct replacement for the AD9054. The SPT7720 is available in a 44-lead TQFP surface mount package over the industrial temperature range of –40 to +85 °C.

FEATURES
• Pin-compatible with AD9054
• High conversion rate: 200 MSPS
• Less than ±1/2 LSB DLE
• 7.16 effective number of bits (ENOB) at 70 MHz
• Single +5 V power supply
• Internal THA and voltage reference
• Low power: 430 mW
• 500 MHz full-power bandwidth
• 1 VPP input range
• Single or demuxed TTL output ports
• 44-lead TQFP

APPLICATIONS
• Digital sampling oscilloscopes (DSO)
• RGB video processing
• Digital communications
• High-speed instrumentation
• Projection display systems




Similar Part No. - SPT7720

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
SPT7720SIT CADEKA-SPT7720SIT Datasheet
180Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
More results


Similar Description - SPT7720

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
8-Bit, 200 MSPS A/D Converter
REV.0
AD9054A AD-AD9054A Datasheet
332Kb / 19P
8-Bit, 200 MSPS A/D Converter
REV.B
AD9732 AD-AD9732 Datasheet
144Kb / 11P
10-Bit, 200 MSPS D/A Converter
REV.A
logo
fujitsu semiconductor
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
8-bit 140 MSPS A/D Converter
logo
National Semiconductor ...
ADC08B200 NSC-ADC08B200 Datasheet
596Kb / 30P
8-Bit, 200 MSPS A/D Converter with Capture Buffer
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
logo
National Semiconductor ...
ADC08B200 NSC-ADC08B200_1 Datasheet
657Kb / 32P
8-Bit, 200 MSPS A/D Converter with Capture Buffer
logo
Analog Devices
AD9054A AD-AD9054A_15 Datasheet
331Kb / 20P
8-Bit, 200 MSPS A/D Converter
REV. D
AD9732 AD-AD9732_15 Datasheet
148Kb / 11P
10-Bit, 200 MSPS D/A Converter
REV. A
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com