Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9732 Datasheet (PDF) - Analog Devices

AD9732 Datasheet PDF - Analog Devices
Part # AD9732
Download  AD9732 Download
File Size   144.8 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 200 MSPS D/A Converter

AD9732 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9732 Datasheet PDF - Analog Devices

Part # AD9732
Download  AD9732 Click to download

File Size   144.8 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 200 MSPS D/A Converter

AD9732 Datasheet (HTML) - Analog Devices


AD9732 Product details

GENERAL DESCRIPTION
The AD9732 is a 10-bit, 200 MSPS, bipolar D/A converter that is optimized to provide high dynamic performance, yet offers lower power dissipation and a more economical price than previous high speed DAC solutions. The AD9732 was primarily designed for demanding communications systems applications where maximum spurious-free dynamic range (SFDR) is required at high throughput rates. The proliferation of digital communications into base station and high volume subscriber-end markets has created a demand for high performance bipolar DACs delivered at CMOS associated levels of power dissipation and cost. The AD9732 is the answer to that demand.

FEATURES
   200 MSPS Throughput Rate
   3.3 V PECL Digital Input
   65 dB SFDR @ 2 MHz AOUT, 200 MSPS/54 dB @ 40 MHz
      AOUT, 200 MSPS
   Low Power: 305 mW
   Fast Settling: 5 ns to 1/2 LSB
   Low Glitch Energy: 6 pVs
   Internal Reference
   28-Lead SSOP Packaging

APPLICATIONS
   Digital Communications
   Direct Digital Synthesis
   Waveform Reconstruction
   High Speed Imaging




Similar Part No. - AD9732

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9732 AD-AD9732_15 Datasheet
148Kb / 11P
10-Bit, 200 MSPS D/A Converter
REV. A
More results


Similar Description - AD9732

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
8-Bit, 200 MSPS A/D Converter
REV.0
AD9054A AD-AD9054A Datasheet
332Kb / 19P
8-Bit, 200 MSPS A/D Converter
REV.B
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
10-Bit, 40 MSPS A/D Converter
August 1997
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9411 AD-AD9411 Datasheet
968Kb / 28P
10-Bit, 170/200 MSPS 3.3 V A/D Converter
7/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9211 AD-AD9211 Datasheet
296Kb / 21P
10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054A AD-AD9054A_15 Datasheet
331Kb / 20P
8-Bit, 200 MSPS A/D Converter
REV. D
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9732 AD-AD9732_15 Datasheet
148Kb / 11P
10-Bit, 200 MSPS D/A Converter
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com