Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9732 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9732
Description  10-Bit, 200 MSPS D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9732 Datasheet(HTML) 4 Page - Analog Devices

  AD9732 Datasheet HTML 1Page - Analog Devices AD9732 Datasheet HTML 2Page - Analog Devices AD9732 Datasheet HTML 3Page - Analog Devices AD9732 Datasheet HTML 4Page - Analog Devices AD9732 Datasheet HTML 5Page - Analog Devices AD9732 Datasheet HTML 6Page - Analog Devices AD9732 Datasheet HTML 7Page - Analog Devices AD9732 Datasheet HTML 8Page - Analog Devices AD9732 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AD9732
–4–
REV. A
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9732 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS*
Analog Output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +VS
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . –0.7 V to +VS
Analog Output Current . . . . . . . . . . . . . . . . . . . . . . . . 30 mA
Control Amplifier Input Voltage Range . . . . . . . . . 0 V to +VS
Reference Input Voltage Range . . . . . . . . . . . . . . . 0 V to +VS
Internal Reference Output Current . . . . . . . . . . . . . . . 500
µA
Control Amplifier Output Current . . . . . . . . . . . . . .
±2.5 mA
Operating Temperature . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . +175
°C
Lead Temperature (10 sec) Soldering . . . . . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions outside of those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may affect device reliability.
PIN FUNCTION DESCRIPTIONS
Pin Number
Name
Function
1
D9 (MSB)
Most significant data bit of digital input word.
2–9
D8–D1
Eight bits of 10-bit digital input word.
10
D0 (LSB)
Least significant data bit of digital input word.
11
CLOCK
TTL-compatible edge-triggered latch enable signal for on-board registers.
12, 13
NC
No internal connection to this pin. Recommend tie to ground.
14, 15, 28
DIGITAL +VS
+5 V supply voltage for digital circuitry.
16, 22, 27
GND
Converter Ground.
18
ANALOG +VS
+5 V supply voltage for analog circuitry.
17
RSET
Connection for external reference set resistor; nominal 1.96 k
Ω. Full-scale output
current = 32 [Control Amp + VS] (Reset).
19
ANALOG RETURN
Analog Return. This point and the reference side of the DAC load resistors should be
connected to the same potential (Analog +VS).
20
IOUT
Analog current output; full-scale current occurs with a digital word input of all “1s”
with external load resistor, output voltage = IOUT (RLOAD RINTERNAL). RINTERNAL is
nominally 240
Ω.
21
IOUTB
Complementary analog current output; full-scale current occurs with a digital word
input of all “0s.”
23
REF IN
Normally connected to CONTROL AMP OUT (Pin 24). Direct line to DAC current
source network. Voltage changes (noise) at this point have a direct effect on the full-
scale output current of the DAC. Full-scale current output = 32 (CONTROL AMP IN/
RSET) when using internal amplifier. DAC load is virtual ground.
24
CONTROL AMP OUT
Normally connected to REF IN (Pin 23). Output of internal control amplifier, which
provides a reference for the current switch network.
25
REF OUT
Normally connected to CONTROL AMP IN (Pin 26). Internal voltage reference,
nominally 3.75 V.
26
CONTROL AMP IN
Normally connected to REF OUT (Pin 25) if not connected to external reference.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD9732
NC = NO CONNECT
DIGITAL +VS
NC
NC
CLOCK
D0 (LSB)
D1
D2
D9 (MSB)
D8
D7
D6
D3
D4
D5
DIGITAL +VS
GND
RSET
ANALOG +VS
ANALOG RETURN
IOUT
IOUTB
DIGITAL +VS
GND
CONTROL AMP IN
REF OUT
GND
REF IN
CONTROL AMP OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com