Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10040Q Datasheet (PDF) - Texas Instruments

ADC10040Q Datasheet PDF - Texas Instruments
Part # ADC10040Q
Download  ADC10040Q Download
File Size   826.97 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter

ADC10040Q Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC10040Q Datasheet PDF - Texas Instruments

Part # ADC10040Q
Download  ADC10040Q Click to download

File Size   826.97 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter

ADC10040Q Datasheet (HTML) - Texas Instruments


ADC10040Q Product details

1FEATURES
2• Single +3.0V Operation
• Selectable 2.0 VP-P, 1.5 VP-P, or 1.0 VP-P full-
scale input swing
• 400 MHz −3 dB Input Bandwidth
• Low Power Consumption
• Standby Mode
• On-Chip Reference and Sample-and-Hold
Amplifier
• Offset Binary or Two’s Complement Data
Format
• Separate Adjustable Output Driver Supply to
Accommodate 2.5V and 3.3V Logic Families
• AEC-Q100 Grade 3 Qualified
• 28-Pin TSSOP Package

KEY SPECIFICATIONS
• Resolution: 10 Bits
• Conversion Rate: 40 MSPS
• Full Power Bandwidth: 400 MHz
• DNL: ±0.3 LSB typ)
• SNR (fIN = 11 MHz): 59.6 dB (typ)
• SFDR (f IN = 11 MHz): -80 dB (typ)
• Power Consumption, 40 MHz: 55.5 mW

APPLICATIONS
• Ultrasound and Imaging
• Instrumentation
• Cellular Base Stations/Communications
Receivers
• Sonar/Radar
• xDSL
• Wireless Local Loops
• Data Acquisition Systems
• DSP Front Ends

DESCRIPTION
The ADC10040 is a monolithic CMOS analog-to-
digital converter capable of converting analog input
signals into 10-bit digital words at 40 Megasamples
per second (MSPS). This converter uses a
differential, pipeline architecture with digital error
correction and an on-chip sample-and-hold circuit to
provide a complete conversion solution, and to
minimize power consumption, while providing
excellent dynamic performance. A unique sample-
and-hold stage yields a full-power bandwidth of 400
MHz. Operating on a single 3.0V power supply, this
device consumes just 55.5 mW at 40 MSPS,
including the reference current. The Standby feature
reduces power consumption to just 13.5 mW.
The differential inputs provide a full scale selectable
input swing of 2.0 VP-P, 1.5 VP-P, 1.0 VP-P, with the
possibility of a single-ended input. Full use of the
differential input is recommended for optimum
performance. An internal +1.2V precision bandgap
reference is used to set the ADC full-scale range, and also allows the user to supply a buffered referenced
voltage for those applications requiring increased
accuracy. The output data format is user choice of
offset binary or two’s complement.
The ADC10040Q runs on an Automotive Grade Flow
and is AEC-Q100 Grade 3 Qualified.
This device is available in the 28-lead TSSOP
package and will operate over the industrial
temperature range of −40°C to +85°C.




Similar Part No. - ADC10040Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10040QCIMT TI1-ADC10040QCIMT Datasheet
1Mb / 28P
ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
ADC10040QCIMT/NOPB TI1-ADC10040QCIMT/NOPB Datasheet
1Mb / 27P
55.5 mW A/D Converter
ADC10040QCIMTX TI1-ADC10040QCIMTX Datasheet
1Mb / 28P
ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
ADC10040QCIMTX/NOPB TI1-ADC10040QCIMTX/NOPB Datasheet
1Mb / 27P
55.5 mW A/D Converter
More results


Similar Description - ADC10040Q

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Texas Instruments
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
ADC10040 TI1-ADC10040_14 Datasheet
1Mb / 28P
ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com