Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC128D818 Datasheet (PDF) - Texas Instruments

ADC128D818 Datasheet PDF - Texas Instruments
Part # ADC128D818
Download  ADC128D818 Download
File Size   832.46 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC128D818 12-Bit, 8-Channel, ADC System Monitor With Temperature Sensor, Internal – External Reference, and I2C Interface

ADC128D818 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC128D818 Datasheet PDF - Texas Instruments

Part # ADC128D818
Download  ADC128D818 Click to download

File Size   832.46 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC128D818 12-Bit, 8-Channel, ADC System Monitor With Temperature Sensor, Internal – External Reference, and I2C Interface

ADC128D818 Datasheet (HTML) - Texas Instruments


ADC128D818 Product details

1 Features
1• 12-Bit Resolution Delta-Sigma ADC
• Local Temperature Sensing
• Configurable Single-Ended and/or Pseudo-Diff.
Inputs
• 2.56-V Internal VREF or Variable External VREF
• WATCHDOG Window Comparators with Status
and Mask Registers of All Measured Values
• Independent Registers for Storing Measured
Values
• INT Output Notifies Microprocessor of Error Event
• I2C Serial Bus Interface Compatibility
• 9 Selectable Addresses
• TIME-OUT Reset Function to Prevent I2C Bus
Lock-Up
• Individual Channel Shutdown to Limit Power
Consumption
• Deep Shutdown Mode to Minimize Power
Consumption
• TSSOP 16-Lead Package
• Key Specifications
– ADC Resolution 12-Bit
– Supply Voltage Range 3 V to 5.5 V
– Total Unadjusted Error –0.45%/+0.2%
– Integral Non-Linearity ±1 LSb
– Differential Non-Linearity ±1 LSb
– Operating Current 0.56 mA
– Deep Shutdown Current 10 μA
– Temperature Resolution °C/LSb
– Temperature Accuracy (–40°C to 125°C) ±3°C
– Temperature Accuracy (–25°C to 100°C) ±2°C

2 Applications
• Communications Infrastructure
• Thermal and Hardware Server Monitors
• System Monitors
• Industrial and Medical Systems
• Electronic Test Equipment and Instrumentation
• Power Supply Monitoring and Supervision

3 Description
The ADC128D818 I2C system monitor is designed for
maximum flexibility. The system monitor can be configured for single-ended and/or pseudo-differential
inputs. An onboard temperature sensor, combined
with WATCHDOG window comparators, and an
interrupt output pin, INT, allow easy monitoring and
out-of-range alarms for every channel. A high
performance internal reference is also available to
provide for a complete solution in the most difficult
operating conditions.
The ADC128D818’s 12-bit delta-sigma ADC supports
Standard Mode (Sm, 100 kbps) and Fast Mode (Fm,
400 kbps) I2C interfaces. The ADC128D818 includes
a sequencer to control channel conversions and stores all converted results in independent registers
for easy microprocessor retrieval. Unused channels
can be shut down independently to conserve power.




Similar Part No. - ADC128D818

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818 TI1-ADC128D818 Datasheet
1Mb / 41P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
logo
National Semiconductor ...
ADC128D818CIMT NSC-ADC128D818CIMT Datasheet
775Kb / 38P
12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818CIMT TI1-ADC128D818CIMT Datasheet
1Mb / 46P
ADC System Monitor
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
More results


Similar Description - ADC128D818

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1253 MAXIM-MAX1253 Datasheet
439Kb / 29P
Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
19-2838; Rev 0; 4/03
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
8-Channel, 12-Bit SAR ADC with I2C Interface
logo
Analog Devices
AD7291 AD-AD7291 Datasheet
436Kb / 21P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Analog Devices
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
logo
Texas Instruments
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. C
logo
Texas Instruments
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com