Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12C080 Datasheet (PDF) - Texas Instruments

ADC12C080 Datasheet PDF - Texas Instruments
Part # ADC12C080
Download  ADC12C080 Download
File Size   895.93 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12C080 12-Bit, 65/80 MSPS A/D Converter

ADC12C080 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC12C080 Datasheet PDF - Texas Instruments

Part # ADC12C080
Download  ADC12C080 Click to download

File Size   895.93 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12C080 12-Bit, 65/80 MSPS A/D Converter

ADC12C080 Datasheet (HTML) - Texas Instruments


ADC12C080 Product details

1FEATURES
2• 1 GHz Full Power Bandwidth
• Internal Reference and Sample-and-Hold
Circuit
• Low Power Consumption
• Data Ready Output Clock
• Clock Duty Cycle Stabilizer
• Single +3.0V Supply Operation sample•
Power-Down Mode
• 32-Pin WQFN Package, (5x5x0.8mm, 0.5mm
Pin-Pitch)

APPLICATIONS
• High IF Sampling Receivers
• Wireless Base Station Receivers
• Test and Measurement Equipment
• Communications Instrumentation
• Portable Instrumentation

KEY SPECIFICATIONS
• Resolution 12 Bits
• Conversion Rate 80 MSPS
• SNR (fIN = 170 MHz) 68 dBFS (typ)
• SFDR (f IN = 170 MHz) 86 dBFS (typ)
• Full Power Bandwidth 1 GHz (typ)
• Power Consumption 300 mW (typ)

DESCRIPTION
The ADC12C080 is a high-performance CMOS
analog-to-digital converter capable of converting
analog input signals into 12-bit digital words at rates
up to 80 Mega Samples Per Second (MSPS). This
converter uses a differential, pipelined architecture
with digital error correction and an on-chip sampleand-
hold circuit to minimize power consumption and
the external component count, while providing
excellent dynamic performance. A unique sample•
and-hold stage yields a full-power bandwidth of 1
GHz. The ADC12C080 may be operated from a single +3.0V power supply and consumes low power.
A separate +2.5V supply may be used for the digital
output interface which allows lower power operation
with reduced noise. A power-down feature reduces
the power consumption to very low levels while still
allowing fast wake-up time to full operation. The
differential inputs accept a 2V full scale differential
input swing. A stable 1.2V internal voltage reference
is provided, or the ADC12C080 can be operated with
an external 1.2V reference. Output data format (offset binary versus 2's complement) and duty cycle
stabilizer are pin-selectable. The duty cycle stabilizer
maintains performance over a wide range of clock
duty cycles.
The ADC12C080 is available in a 32-lead WQFN
package and operates over the industrial temperature
range of −40°C to +85°C.




Similar Part No. - ADC12C080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
12-Bit, 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC12C080 TI1-ADC12C080 Datasheet
1Mb / 32P
65/80 MSPS A/D Converter
ADC12C080 TI2-ADC12C080 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
logo
National Semiconductor ...
ADC12C080CISQ NSC-ADC12C080CISQ Datasheet
451Kb / 24P
12-Bit, 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC12C080CISQ/NOPB TI1-ADC12C080CISQ/NOPB Datasheet
1Mb / 32P
65/80 MSPS A/D Converter
More results


Similar Description - ADC12C080

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9432 AD-AD9432 Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
1/02-REV.E
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
12-Bit, 65 MSPS A/D Converter
1998 06
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
12-Bit, 65/80 MSPS A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
Dual 10-Bit 65/80 MSPS A/D Converter
HMCAD1050-80 HITTITE-HMCAD1050-80 Datasheet
794Kb / 14P
Dual 13/12-Bit 65/80 MSPS A/D Converter
HMCAD1051-80 HITTITE-HMCAD1051-80 Datasheet
755Kb / 14P
Single 13/12-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
logo
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
14-Bit, 65/80 MSPS A/D Converter
ADC12C080 TI1-ADC12C080 Datasheet
1Mb / 32P
65/80 MSPS A/D Converter
ADC14C080 TI1-ADC14C080_15 Datasheet
1Mb / 31P
65/80 MSPS A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com