Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12C080 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC12C080
Description  ADC12C080 12-Bit, 65/80 MSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12C080 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC12C080 Datasheet HTML 4Page - Texas Instruments ADC12C080 Datasheet HTML 5Page - Texas Instruments ADC12C080 Datasheet HTML 6Page - Texas Instruments ADC12C080 Datasheet HTML 7Page - Texas Instruments ADC12C080 Datasheet HTML 8Page - Texas Instruments ADC12C080 Datasheet HTML 9Page - Texas Instruments ADC12C080 Datasheet HTML 10Page - Texas Instruments ADC12C080 Datasheet HTML 11Page - Texas Instruments ADC12C080 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
VA
AGND
To Internal Circuitry
I/O
ADC12C080
SNAS379C – SEPTEMBER 2006 – REVISED APRIL 2013
www.ti.com
ADC12C080 Logic and Power Supply Electrical Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = +3.0V, VDR = +2.5V, Internal VREF
= +1.2V, fCLK = 80 MHz, 50% Duty Cycle, DCS Disabled, VCM = VCMO, CL = 5 pF/pin. Typical values are for TA = 25°C.
Boldface limits apply for TMIN ≤ TA ≤ TMAX. All other limits apply for TA = 25°C
(1) (2)
Units
Symbol
Parameter
Conditions
Typical (3)
Limits
(Limits)
DIGITAL INPUT CHARACTERISTICS (CLK, PD)
VIN(1)
Logical “1” Input Voltage
VD = 3.6V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
VD = 3.0V
0.8
V (max)
IIN(1)
Logical “1” Input Current
VIN = 3.3V
10
µA
IIN(0)
Logical “0” Input Current
VIN = 0V
−10
µA
CIN
Digital Input Capacitance
5
pF
DIGITAL OUTPUT CHARACTERISTICS (D0–D11, DRDY)
VOUT(1)(1) Logical “1” Output Voltage
IOUT = −0.5 mA , VDR = 2.4V
2.0
V (min)
VOUT(0)(0) Logical “0” Output Voltage
IOUT = 1.6 mA, VDR = 2.4V
0.4
V (max)
+ISC
Output Short Circuit Source Current
VOUT = 0V
−10
mA
−ISC
Output Short Circuit Sink Current
VOUT = VDR
10
mA
COUT
Digital Output Capacitance
5
pF
POWER SUPPLY CHARACTERISTICS
IA
Analog Supply Current
Full Operation
100
123
mA (max)
IDR
Digital Output Supply Current
Full Operation (4)
12
mA
Power Consumption
Excludes IDR
(4)
300
369
mW (max)
Power Down Power Consumption
Clock disabled
7
mW
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 4 under Absolute Maximum Ratings. However, errors in the A/D conversion can occur if the input goes above
2.6V or below GND as described in the Operating Ratings section.
(2)
With a full scale differential input of 2VP-P , the 12-bit LSB is 488 µV.
(3)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
(4)
IDR is the current consumed by the switching of the output drivers and is primarily determined by load capacitance on the output pins,
the supply voltage, VDR, and the rate at which the outputs are switching (which is signal dependent). IDR=VDR(C0 x f0 + C1 x f1 +....C11 x
f11) where VDR is the output driver power supply voltage, Cn is total capacitance on the output pin, and fn is the average frequency at
which that pin is toggling.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC12C080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com