Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1243 Datasheet (PDF) - Texas Instruments

ADS1243 Datasheet PDF - Texas Instruments
Part # ADS1243
Download  ADS1243 Download
File Size   780.83 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit ANALOG-TO-DIGITAL CONVERTER

ADS1243 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1243 Datasheet PDF - Texas Instruments

Part # ADS1243
Download  ADS1243 Click to download

File Size   780.83 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-Bit ANALOG-TO-DIGITAL CONVERTER

ADS1243 Datasheet (HTML) - Texas Instruments


ADS1243 Product details

FEATURES
24 BITS NO MISSING CODES
SIMULTANEOUS 50Hz AND 60Hz REJECTION
(–90dB MINIMUM)
0.0015% INL
21 BITS EFFECTIVE RESOLUTION
PGA = 1), 19 BITS (PGA = 128)
PGA GAINS FROM 1 TO 128
SINGLE-CYCLE SETTLING
PROGRAMMABLE DATA OUTPUT RATES
EXTERNAL DIFFERENTIAL REFERENCE
OF 0.1V TO 5V
ON-CHIP CALIBRATION
SPI™ COMPATIBLE
2.7V TO 5.25V SUPPLY RANGE
600μW POWER CONSUMPTION
UP TO EIGHT INPUT CHANNELS
UP TO EIGHT DATA I/O

APPLICATIONS
INDUSTRIAL PROCESS CONTROL
LIQUID/GAS CHROMATOGRAPHY
BLOOD ANALYSIS
SMART TRANSMITTERS
PORTABLE INSTRUMENTATION
WEIGHT SCALES

DESCRIPTION
The ADS1242 and ADS1243 are precision, wide dynamic
range, delta-sigma, analog-to-digital (A/D) converters with
24-bit resolution operating from 2.7V to 5.25V supplies.
These delta-sigma, A/D converters provide up to 24 bits of no
missing code performance and effective resolution of 21 bits.
The input channels are multiplexed. Internal buffering can be
selected to provide a very high input impedance for direct
connection to transducers or low-level voltage signals. Burnout
current sources are provided that allow for the detection
of an open or shorted sensor. An 8-bit digital-to-analog
converter (DAC) provides an offset correction with a range of
50% of the FSR (Full-Scale Range).
The Programmable Gain Amplifier (PGA) provides selectable
gains of 1 to 128 with an effective resolution of 19 bits at a gain
of 128. The A/D conversion is accomplished with a second-order
delta-sigma modulator and programmable FIR filter that provides
a simultaneous 50Hz and 60Hz notch. The reference input
is differential and can be used for ratiometric conversion.
The serial interface is SPI compatible. Up to eight bits of data
I/O are also provided that can be used for input or output. The
ADS1242 and ADS1243 are designed for high-resolution
measurement applications in smart transmitters, industrial
process control, weight scales, chromatography, and portable
instrumentation.




Similar Part No. - ADS1243

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1243 TI-ADS1243 Datasheet
410Kb / 25P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243 TI1-ADS1243 Datasheet
1Mb / 33P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243IPWR TI-ADS1243IPWR Datasheet
410Kb / 25P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243IPWR TI1-ADS1243IPWR Datasheet
1Mb / 32P
24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS1243

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
24-Bit ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com