Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7932 Datasheet (PDF) - Texas Instruments

AMC7932 Datasheet PDF - Texas Instruments
Part # AMC7932
Download  AMC7932 Download
File Size   918.31 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports

AMC7932 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC7932 Datasheet PDF - Texas Instruments

Part # AMC7932
Download  AMC7932 Click to download

File Size   918.31 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports

AMC7932 Datasheet (HTML) - Texas Instruments


AMC7932 Product details

1 Features
• 32 monotonic 12-bit DACs
– Programmable ranges: –10 V to 0 V,
–5 V to 0 V, 0 V to 5 V, and 0 V to 10 V
– High current drive capability
– Autorange detector
• FlexIO pins; ADC and GPIO configurable
– AMC7932: 6 FlexIO pins
– AMC7932F: 5 FlexIO pins
• 12-bit, 250-kSPS SAR ADC
– Input ranges: 0 V to 5 V and 0 V to 2.5 V
– Programmable out-of-range alarms
• General-purpose I/O (GPIO)
• Built-in sequencing features
• Internal 2.5-V reference
• Internal temperature sensor
– Accuracy: ±2.5°C (maximum)
– Resolution: 0.0625°C
• SPI-compatible interface: 1.65-V to 5.5-V
operation
– AMC7932: 3-wire mode
– AMC7932F: 4-wire mode
• Specified temperature range: –40°C to +125°C
• Operating temperature range: –40°C to +150°C

2 Applications
• Macro remote radio unit (RRU)
• Active antenna system mMIMO (AAS)
• Distributed antenna systems (DAS)
• Outdoor backhaul unit
• Radar

3 Description
The AMC7932 is a highly integrated analog monitor
and control device designed for high-density, generalpurpose
monitor and control systems. The AMC7932
includes 32 12-bit, digital-to-analog converters (DACs)
with programmable output ranges. The device
also incorporates a multiplexed, 12-bit analog-todigital
converter (ADC) with programmable threshold
detectors, a temperature sensor, and an internal
reference. The AMC7932 high level of integration
significantly reduces component count and simplifies
closed-loop system designs, thus making it a great
choice for high-density applications where board
space is critical.
The device includes flexible input/output (FlexIO)
pins that can be configured as either analog
inputs to the ADC or as GPIOs with two available
options: AMC7932 (six FlexIO pins) and AMC7932F
(five FlexIO pins). Communication to the device is
performed through a 3-wire (AMC7932) or 4-wire
(AMC7932F) SPI-compatible interface.
The AMC7932 high-integration and wide operating
temperature range make the device an excellent
choice as an all-in-one, bias-control circuit for the
power amplifiers (PA) found in multichannel RF
communication systems. The flexible DAC output
ranges and built-in sequencing features allow the
device to be used as a biasing controller for a large
variety of transistor technologies, such as LDMOS,
GaAs, and GaN.




Similar Part No. - AMC7932

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC7932 TI2-AMC7932 Datasheet
918Kb / 11P
AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC7932FPHPR TI-AMC7932FPHPR Datasheet
746Kb / 9P
AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC7932FPHPR TI2-AMC7932FPHPR Datasheet
918Kb / 11P
AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC7932FPHPR.A TI2-AMC7932FPHPR.A Datasheet
918Kb / 11P
AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
More results


Similar Description - AMC7932

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1221 MAXIM-MAX1221 Datasheet
558Kb / 44P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 12/07
MAX1220 MAXIM-MAX1220_12 Datasheet
567Kb / 43P
12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Rev 7; 2/12
logo
Texas Instruments
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7836 TI-AMC7836_15 Datasheet
3Mb / 87P
AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7836 TI1-AMC7836 Datasheet
3Mb / 88P
AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC7924 TI-AMC7924 Datasheet
1Mb / 11P
AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com