Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7932 Datasheet(PDF) 8 Page - Texas Instruments

Part # AMC7932
Description  AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7932 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC7932 Datasheet HTML 3Page - Texas Instruments AMC7932 Datasheet HTML 4Page - Texas Instruments AMC7932 Datasheet HTML 5Page - Texas Instruments AMC7932 Datasheet HTML 6Page - Texas Instruments AMC7932 Datasheet HTML 7Page - Texas Instruments AMC7932 Datasheet HTML 8Page - Texas Instruments AMC7932 Datasheet HTML 9Page - Texas Instruments AMC7932 Datasheet HTML 10Page - Texas Instruments AMC7932 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.ti.com
PACKAGE OUTLINE
C
48X
0.27
0.17
44X 0.5
PIN 1 ID
(0.13)
TYP
0.15
0.05
0 -7
4X 5.5
9.2
8.8
TYP
5.17
4.40
0.75
0.45
5.17
4.40
4X (0.109) NOTE 5
B
7.2
6.8
NOTE 3
A
7.2
6.8
NOTE 3
0.25
GAGE PLANE
1.2 MAX
(1)
PLASTIC QUAD FLATPACK
PowerPAD
HTQFP - 1.2 mm max height
PHP0048N
PLASTIC QUAD FLATPACK
4229966/A 09/2023
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MS-026.
5. Feature may not be present.
TM
PowerPAD is a trademark of Texas Instruments.
1
12
13
24
25
36
37
48
0.08
C A B
SEE DETAIL A
SEATING PLANE
0.08
A 16
DETAIL A
TYPICAL
SCALE 1.900
1
12
13
24
25
36
37
48
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com