Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ25600C Datasheet (PDF) - Texas Instruments

BQ25600C Datasheet PDF - Texas Instruments
Part # BQ25600C
Download  BQ25600C Download
File Size   810.8 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq25600C I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications

BQ25600C Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25600C Datasheet PDF - Texas Instruments

Part # BQ25600C
Download  BQ25600C Click to download

File Size   810.8 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq25600C I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications

BQ25600C Datasheet (HTML) - Texas Instruments


BQ25600C Product details

1 Features
1• Operation as Parallel Charger to Provide Fast
Charging in Dual Charger Operation
• High-Efficiency, 1.5-MHz, Synchronous Switch-
Mode Buck Charger
– 92% Charge Efficiency at 2 A from 5-V Input
– Optimized for USB Voltage Input (5 V)
– Low Power Pulse Frequency Modulation
(PFM) Mode for Light Load Operations
• Single Input to Support USB Input and High
Voltage Adapters
– Support 3.9-V to 13.5-V Input Voltage Range
With 22-V Absolute Maximum Input Voltage
Rating
– Programmable Input Current Limit (100 mA to
3.2 A With 100-mA Resolution) to Support
USB 2.0, USB 3.0 Standards and High Voltage
Adaptors (IINDPM)
– Maximum Power Tracking by Input Voltage
Limit Up to 5.4 V (VINDPM)
– VINDPM Threshold Automatically Tracks
Battery Voltage
• High Charge Efficiency With 19.5-mΩ Charging
Current Sensing MOSFET
• Narrow VDC (NVDC) Power Path Management
– Instant-On Works with No Battery or Deeply
Discharged Battery
– Ideal Diode Operation in Battery Supplement
Mode
• Flexible Autonomous and I2C Mode for Optimal
System Performance
• High Integration Includes All MOSFETs, Current
Sensing and Loop Compensation
• 17-μA Low Battery Leakage Current
• High Accuracy
– ±0.5% Charge Voltage Regulation
– ±5% at 1.5-A Charge Current Regulation
– ±6% at 1.38-A Charge Current Regulation
– ±10% at 0.9-A Input Current Regulation
– Remote Battery Sensing for Fast Charge

2 Applications
• Smart Phones
• Tablet

3 Description
The bq25600C devices are highly-integrated 3.0-A
switch-mode battery charge management and system
power path management device for single cell Li-Ion
and Li-polymer battery. The low impedance power
path optimizes switch-mode operation efficiency and
reduces battery charging time. The I2C serial
interface with charging and system settings makes
the device a truly flexible solution.




Similar Part No. - BQ25600C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25600C TI1-BQ25600C Datasheet
748Kb / 51P
I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600CYFFR TI1-BQ25600CYFFR Datasheet
748Kb / 51P
I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600CYFFT TI1-BQ25600CYFFT Datasheet
748Kb / 51P
I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
More results


Similar Description - BQ25600C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9527 RICHTEK-RT9527 Datasheet
210Kb / 14P
Single Cell Li-Ion Battery Charger with Adjustable Charging Current for Portable Applications
logo
Texas Instruments
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
I2C Controlled 3A Single Cell USB Charger
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
I2C Controlled Single Cell 5-A Fast Charger
BQ25600C TI1-BQ25600C Datasheet
748Kb / 51P
I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25910 TI1-BQ25910 Datasheet
194Kb / 8P
I2C Controlled 6-A Three-Level Switch Mode, Single-Cell Parallel Battery Charger for High Input Voltage
BQ25882 TI1-BQ25882 Datasheet
203Kb / 8P
I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ25910 TI1-BQ25910_18 Datasheet
1Mb / 59P
I2C Controlled 6-A Three-Level Switch Mode, Single-Cell Parallel Battery Charger for Fast Charging
BQ25882 TI1-BQ25882_18 Datasheet
204Kb / 9P
I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
I2C Controlled 3A Single Cell USB Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com