Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9527 Datasheet (PDF) - Richtek Technology Corporation

RT9527 Datasheet PDF - Richtek Technology Corporation
Part # RT9527
Download  RT9527 Download
File Size   210.9 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Single Cell Li-Ion Battery Charger with Adjustable Charging Current for Portable Applications

RT9527 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9527 Datasheet PDF - Richtek Technology Corporation

Part # RT9527
Download  RT9527 Click to download

File Size   210.9 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Single Cell Li-Ion Battery Charger with Adjustable Charging Current for Portable Applications

RT9527 Datasheet (HTML) - Richtek Technology Corporation


RT9527 Product details

General Description

The RT9527 is a low cost single-cell Li-ion charger for low current charge applications. The RT9527 can be powered up from an AC adapter or USB (Universal Serial Bus) port inputs. The RT9527 enters sleep mode when VIN power is removed. The RT9527 optimizes the charging task by using a control algorithm, which includes pre-charge mode, fast-charge mode and constant voltage mode. The charging task is kept in constant voltage mode to hold the battery in a full charge condition. The charge current is adjustable via an external resistor. The internal thermal feedback circuitry regulates the die temperature to optimize the charge rate for all ambient temperatures. The RT9527 features 28V maximum rating voltages for VIN. Other features include under voltage protection and over voltage protection for the AC adapter supply. The RT9527 is available in a WDFN-8L 2x2 package.



Features

28V Maximum Rating for AC Adapter

Internal Integrated Power FETs

Adjustable Charging Current

Programmable Safe Charge Timer

NTC Thermistor Input

Battery Reverse Protection

ISET Pin Short Protection

Charge Status Indicator

AC Adapter Power Good Status Indicator

End of Charge Current is 10% of Fast-Charge Current

Under Voltage Protection

Over Voltage Protection

Thermal Feedback Optimized Charge Rate

Small Thermally Enhanced 8-Lead WDFN Package

RoHS Compliant and Halogen Free




Similar Part No. - RT9527

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9524 RICHTEK-RT9524 Datasheet
336Kb / 12P
Linear Single Cell Li-Ion Battery Charger IC for Portable Applications
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
RT9525GQW RICHTEK-RT9525GQW Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
RT9526 RICHTEK-RT9526 Datasheet
257Kb / 14P
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526A RICHTEK-RT9526A Datasheet
148Kb / 10P
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
More results


Similar Description - RT9527

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9516 RICHTEK-RT9516 Datasheet
218Kb / 11P
Linear Single Cell Li-lon Battery Charger with Single Input Supply for Portable Applications
RT9524 RICHTEK-RT9524 Datasheet
336Kb / 12P
Linear Single Cell Li-Ion Battery Charger IC for Portable Applications
RT9536H RICHTEK-RT9536H Datasheet
211Kb / 15P
Linear Single Cell Li-Ion Battery Charger IC for Portable
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
Single Cell Li-Ion and Li-Pol Battery Charger
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
Single Cell Li-Ion Switching Battery Charger
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com