Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ24702 Datasheet (PDF) - Texas Instruments

BQ24702 Datasheet PDF - Texas Instruments
Part # BQ24702
Download  BQ24702 Download
File Size   805.73 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MULTICHEMISTRY BATTERY CHARGER CONTROLLER AND SYSTEM POWER SELECTOR

BQ24702 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ24702 Datasheet PDF - Texas Instruments

Part # BQ24702
Download  BQ24702 Click to download

File Size   805.73 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MULTICHEMISTRY BATTERY CHARGER CONTROLLER AND SYSTEM POWER SELECTOR

BQ24702 Datasheet (HTML) - Texas Instruments


BQ24702 Product details

FEATURES
· Dynamic Power Management, DPM Minimizes
Battery Charge Time
· Integrated Selector Supports Battery
Conditioning and Smart Battery Learn Cycle
· Zero Volt Operation
· Selector Feedback Circuit Ensures
Break-Before-Make Transition
· ±0.4% Charge Voltage Accuracy, Suitable for
Charging Li-Ion Cells
· ±4% Charge Current Accuracy
· 300-kHz Integrated PWM Controller for
High-Efficiency Buck Regulation
· Depleted Battery Detection and Indication to
Protect Battery From Over Discharge
· 20-μA Sleep Mode Current for Low Battery
Drain
· 24-Pin TSSOP Package and 5 mm ´ 5 mm QFN
package (bq24703 only)

DESCRIPTION
The bq24702/bq24703 is a highly integrated battery
charge controller and selector tailored for notebook
and sub-notebook PC applications.
The bq24702/bq24703 uses dynamic power
management (DPM) to minimize battery charge time
by maximizing use of available wall-adapter power.
This is achieved by dynamically adjusting the battery
charge current based on the total system (adapter)
current.
The bq24702/bq24703 uses a fixed frequency, pulse
width modulator (PWM) to accurately control battery
charge current and voltage. Charge current limits can
be programmed from a keyboard controller DAC or
by external resistor dividers from the precision 5-V,
±0.6%, externally bypassed voltage reference (VREF), supplied by the bq24702/bq24703.




Similar Part No. - BQ24702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24702 TI-BQ24702 Datasheet
521Kb / 32P
MULTICHEMISTRY BATTERY CHARGER CONTROLLER AND SYSTEM POWER SELECTOR
BQ24702 TI1-BQ24702 Datasheet
886Kb / 37P
MULTICHEMISTRY BATTERY CHARGER CONTROLLER
BQ24702PW TI-BQ24702PW Datasheet
521Kb / 32P
MULTICHEMISTRY BATTERY CHARGER CONTROLLER AND SYSTEM POWER SELECTOR
BQ24702PW TI1-BQ24702PW Datasheet
886Kb / 37P
MULTICHEMISTRY BATTERY CHARGER CONTROLLER
BQ24702PWG4 TI-BQ24702PWG4 Datasheet
521Kb / 32P
MULTICHEMISTRY BATTERY CHARGER CONTROLLER AND SYSTEM POWER SELECTOR
More results


Similar Description - BQ24702

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
logo
Texas Instruments
BQ24702 TI-BQ24702 Datasheet
521Kb / 32P
MULTICHEMISTRY BATTERY CHARGER CONTROLLER AND SYSTEM POWER SELECTOR
logo
Maxim Integrated Produc...
MAX1909 MAXIM-MAX1909 Datasheet
439Kb / 30P
Multichemistry Battery Charger with Automatic System Power Selector
Rev 2; 9/04
MAX8713 MAXIM-MAX8713 Datasheet
1Mb / 25P
Simplified Multichemistry SMBus Battery Charger
Rev 0; 11/04
MAX1772 MAXIM-MAX1772_09 Datasheet
223Kb / 20P
Low-Cost, Multichemistry Battery-Charger Building Block
Rev 4; 2/09
logo
Linear Technology
LTC4015 LINER-LTC4015_15 Datasheet
1Mb / 76P
Multichemistry Buck Battery Charger Controller with Digital Telemetry System
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Linear Technology
LTC4015 LINER-LTC4015 Datasheet
1Mb / 76P
Multichemistry Buck Battery Charger Controller with Digital Telemetry System
logo
Analog Devices
DC2039A AD-DC2039A Datasheet
4Mb / 32P
Multichemistry Buck Battery Charger with Digital Telemetry System
logo
Maxim Integrated Produc...
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
Multichemistry Battery Chargers with Automatic System Power Selector
2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com