Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX846A Datasheet (PDF) - Maxim Integrated Products

MAX846A Datasheet PDF - Maxim Integrated Products
Part # MAX846A
Download  MAX846A Download
File Size   106.66 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Cost-Saving Multichemistry Battery-Charger System

MAX846A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX846A Datasheet PDF - Maxim Integrated Products

Part # MAX846A
Download  MAX846A Click to download

File Size   106.66 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Cost-Saving Multichemistry Battery-Charger System

MAX846A Datasheet (HTML) - Maxim Integrated Products


MAX846A Product details

General Description
The MAX846A is a cost-saving multichemistry battery charger system that comes in a space-saving 16-pin QSOP. This integrated system allows different battery chemistries (Li-Ion, NiMH or NiCd cells) to be charged using one circuit.
In its simplest application, the MAX846A is a stand alone, current-limited float voltage source that charges Li-Ion cells. It can also be paired up with a low-cost microcontroller (µC) to build a universal charger capable of charging Li-Ion, NiMH, and NiCd cells.

Features
♦ Multichemistry Charger System (Li-Ion, NiMH, NiCd)
♦ Independent Voltage and Current Loops
♦ ±0.5% Internal Reference for Li-Ion Cells
♦ Lowers Cost:
   —Stands Alone or Uses Low-Cost µC
   —Built-In 1% Linear Regulator Powers µC
   —Linear Regulator Provides Reference to µC ADCs
   —Built-In µC Reset
   —Controls Low-Cost External PNP Transistor or
      P-Channel MOSFET
♦ Space-Saving 16-Pin QSOP
♦ Charging-Current-Monitor Output
♦ <1µA Battery Drain when Off

Applications
   Li-Ion Battery Packs
   Desktop Cradle Chargers
   Li-Ion/NiMH/NiCd Multichemistry Battery Chargers
   Cellular Phones
   Notebook Computers
   Hand-Held Instruments




Similar Part No. - MAX846A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX840C/D MAXIM-MAX840C/D Datasheet
161Kb / 10P
Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX840ESA MAXIM-MAX840ESA Datasheet
161Kb / 10P
Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX840ISA MAXIM-MAX840ISA Datasheet
161Kb / 10P
Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX843C/D MAXIM-MAX843C/D Datasheet
161Kb / 10P
Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
More results


Similar Description - MAX846A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1772 MAXIM-MAX1772 Datasheet
340Kb / 20P
Low-Cost, Multichemistry Battery- Charger Building Block
19-1772; Rev 2; 5/02
logo
Texas Instruments
BQ24702 TI-BQ24702 Datasheet
521Kb / 32P
MULTICHEMISTRY BATTERY CHARGER CONTROLLER AND SYSTEM POWER SELECTOR
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1909 MAXIM-MAX1909 Datasheet
439Kb / 30P
Multichemistry Battery Charger with Automatic System Power Selector
Rev 2; 9/04
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1772 MAXIM-MAX1772_09 Datasheet
223Kb / 20P
Low-Cost, Multichemistry Battery-Charger Building Block
Rev 4; 2/09
logo
Linear Technology
LTC4015 LINER-LTC4015_15 Datasheet
1Mb / 76P
Multichemistry Buck Battery Charger Controller with Digital Telemetry System
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Linear Technology
LTC4015 LINER-LTC4015 Datasheet
1Mb / 76P
Multichemistry Buck Battery Charger Controller with Digital Telemetry System
logo
Analog Devices
DC2039A AD-DC2039A Datasheet
4Mb / 32P
Multichemistry Buck Battery Charger with Digital Telemetry System
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com