Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX840 Datasheet (PDF) - Maxim Integrated Products

MAX840 Datasheet PDF - Maxim Integrated Products
Part # MAX840
Download  MAX840 Download
File Size   161.02 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Noise, Regulated, -2V GaAsFET Bias

MAX840 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX840 Datasheet PDF - Maxim Integrated Products

Part # MAX840
Download  MAX840 Click to download

File Size   161.02 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Noise, Regulated, -2V GaAsFET Bias

MAX840 Datasheet (HTML) - Maxim Integrated Products


MAX840 Product details

General Description
The MAX840/MAX843/MAX844 low-noise, inverting charge-pump power supplies are ideal for biasing GaAsFETs in cellular telephone transmitter amplifiers. They operate with inputs down to 2.5V.

Features
♦ Fixed -2V or Adjustable -0.5V to -9.4V Output at 4mA (MAX840)
♦ 2.5V to 10V Input Voltage Range
♦ Operate with Small Capacitors (as low as 0.22µF)
♦ 1mVp-p Output Voltage Ripple
♦ Charge-Pump Switching Frequency:
   100kHz in Normal Operation
   20kHz in Shutdown Mode (MAX844)
♦ 1µA Max Logic-Level Shutdown Over Temp. (MAX840/MAX843)
♦ Small 8-Pin SO Package

Applications
   Cellular Phones
   GaAsFET Power Amplifier Modules
   Personal Communicators, PDAs
   Wireless Data Loggers
   Continuously Adjustable GaAsFET Bias
   LCD-Bias Contrast Control
   Regulated Negative Power Supplies




Similar Part No. - MAX840

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX845 MAXIM-MAX845 Datasheet
213Kb / 16P
Isolated Transformer Driver for PCMCIA Applications
Rev 4; 10/97
MAX845 MAXIM-MAX845 Datasheet
45Kb / 4P
Isolated Power Supply
Rev 4; 10/97
MAX845C/D MAXIM-MAX845C/D Datasheet
213Kb / 16P
Isolated Transformer Driver for PCMCIA Applications
Rev 4; 10/97
MAX845ESA MAXIM-MAX845ESA Datasheet
213Kb / 16P
Isolated Transformer Driver for PCMCIA Applications
Rev 4; 10/97
MAX845EUA MAXIM-MAX845EUA Datasheet
213Kb / 16P
Isolated Transformer Driver for PCMCIA Applications
Rev 4; 10/97
More results


Similar Description - MAX840

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX768 MAXIM-MAX768 Datasheet
101Kb / 12P
Low-Noise, Dual-Output, Regulated Charge Pump for GaAsFET, LCD, and VCO Supplies
Rev 0; 12/96
MAX850 MAXIM-MAX850 Datasheet
118Kb / 8P
Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
Rev 2; 4/96
MAX881R MAXIM-MAX881R Datasheet
111Kb / 8P
Low-Noise Bias Supply in 關MAX with Power-OK for GaAsFET PA
Rev 1; 6/98
logo
National Semiconductor ...
LM7705 NSC-LM7705 Datasheet
410Kb / 16P
Low Noise Negative Bias Generator
logo
AVAGO TECHNOLOGIES LIMI...
MGA-684P8 AVAGO-MGA-684P8 Datasheet
136Kb / 10P
Low Noise Active Bias Low Noise Amplifi er
logo
Texas Instruments
CFLM7705 TI1-CFLM7705_14 Datasheet
1Mb / 23P
Low Noise Negative Bias Generator
logo
AVAGO TECHNOLOGIES LIMI...
MGA-684P8 AVAGO-MGA-684P8_15 Datasheet
136Kb / 10P
Low Noise Active Bias Low Noise Amplifi er
logo
Copal Electronics
W-5200-5 COPAL-W-5200-5 Datasheet
227Kb / 11P
Low Noise Regulated
logo
Broadcom Corporation.
MGA-631P8 BOARDCOM-MGA-631P8 Datasheet
293Kb / 18P
Low Noise, High Linearity, Active Bias Low Noise Amplifier
MGA-684P8 BOARDCOM-MGA-684P8 Datasheet
136Kb / 10P
Low Noise Active Bias Low Noise Amplifi er
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com