Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX850 Datasheet (PDF) - Maxim Integrated Products

MAX850 Datasheet PDF - Maxim Integrated Products
Part # MAX850
Download  MAX850 Download
File Size   118.93 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias

MAX850 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX850 Datasheet PDF - Maxim Integrated Products

Part # MAX850
Download  MAX850 Click to download

File Size   118.93 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias

MAX850 Datasheet (HTML) - Maxim Integrated Products


MAX850 Product details

General Description
The MAX850–MAX853 low-noise, inverting, charge pump power supplies are ideal for biasing GaAsFETs in cellular telephone transmitter amplifiers.
The MAX850–MAX852 offer both preset (-4.1V) and adjustable (-0.5V to -9.0V) output voltages. The MAX853 uses an external positive control voltage to set the negative output voltage. Input voltage range for all four devices is 4.5V to 10V. Output current is 5mA.
An internal linear regulator reduces the output voltage ripple to 2mVp-p. With a well-filtered control voltage (VCTRL), the MAX853 achieves typical output ripple of less than 1mVp-p. Supply current is 3mA max, and shutdown current is less than 1µA max over temperature (5µA max for MAX851).

Features
♦ Fixed -4.1V or Adjustable -0.5V to -9V Output at 5mA
♦ 4.5V to 10V Input Voltage Range
♦ 2mVp-p Output Voltage Ripple (MAX850–MAX852)
   1mVp-p Output Voltage Ripple (MAX853)
♦ 100kHz Charge-Pump Switching Frequency
   (MAX850/MAX851/MAX853)
♦ External Synchronizing Clock Input (MAX852)
♦ Logic-Level Shutdown Mode: 1µA Max Over Temperature (MAX850/MAX852/MAX853)
♦ Low Cost, 8-Pin SO Package

Applications
  Cellular Phones
  Negative Regulated Power Supplies
  Personal Communicators, PDAs
  Wireless Data Loggers
  Continuously Adjustable GaAsFET Bias
  LCD-Bias Contrast Control




Similar Part No. - MAX850

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8500 MAXIM-MAX8500 Datasheet
296Kb / 14P
PWM Buck Converters with Bypass FET for N-CDMA/W-CDMA Handsets
Rev 0; 10/02
MAX8500ETC MAXIM-MAX8500ETC Datasheet
296Kb / 14P
PWM Buck Converters with Bypass FET for N-CDMA/W-CDMA Handsets
Rev 0; 10/02
MAX8501ETC MAXIM-MAX8501ETC Datasheet
296Kb / 14P
PWM Buck Converters with Bypass FET for N-CDMA/W-CDMA Handsets
Rev 0; 10/02
MAX8502ETC MAXIM-MAX8502ETC Datasheet
296Kb / 14P
PWM Buck Converters with Bypass FET for N-CDMA/W-CDMA Handsets
Rev 0; 10/02
MAX8503ETC MAXIM-MAX8503ETC Datasheet
296Kb / 14P
PWM Buck Converters with Bypass FET for N-CDMA/W-CDMA Handsets
Rev 0; 10/02
More results


Similar Description - MAX850

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX768 MAXIM-MAX768 Datasheet
101Kb / 12P
Low-Noise, Dual-Output, Regulated Charge Pump for GaAsFET, LCD, and VCO Supplies
Rev 0; 12/96
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
logo
Advanced Analogic Techn...
AAT3190 ANALOGICTECH-AAT3190 Datasheet
411Kb / 16P
Positive/Negative Charge Pump for Voltage Bias
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
Low Noise, Positive-Regulated Charge Pump
2002
logo
Advanced Analog Technol...
AAT3190 AAT-AAT3190 Datasheet
425Kb / 16P
Positive/Negative Charge Pump for Voltage Bias
3190.2006.01.1.2
logo
Advanced Analogic Techn...
AAT3190 ANALOGICTECH-AAT3190_06 Datasheet
425Kb / 16P
Positive/Negative Charge Pump for Voltage Bias
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
Low Noise, Positive-Regulated Charge Pump
11/29/12
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
Low-Noise, Positive-Regulated Charge Pump
03/25/14
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
Low Noise Regulated Charge Pump DC/DC Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com