Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX850 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX850
Description  Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX850 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX850 Datasheet HTML 1Page - Maxim Integrated Products MAX850 Datasheet HTML 2Page - Maxim Integrated Products MAX850 Datasheet HTML 3Page - Maxim Integrated Products MAX850 Datasheet HTML 4Page - Maxim Integrated Products MAX850 Datasheet HTML 5Page - Maxim Integrated Products MAX850 Datasheet HTML 6Page - Maxim Integrated Products MAX850 Datasheet HTML 7Page - Maxim Integrated Products MAX850 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low-Noise, Regulated, Negative
Charge-Pump Power Supplies for GaAsFET Bias
2
_____________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(+5V
≤ VIN ≤ +10V, GND = 0V, VOUT = -4.1V, RL = ∞, TA = TMIN to TMAX, unless otherwise noted. A 100kHz, 50% duty cycle square
wave between GND and VIN is applied to OSC on the MAX852.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: The output may be shorted to NEGOUT or GND if the package power dissipation is not exceeded. Typical short-circuit
current to GND is 50mA.
Note 2: The supply voltage can drop to 4.5V, but the output may no longer sink 5mA at -4.1V.
Note 3: The MAX852 will operate with a 50kHz to 250kHz square wave of 40% to 60% duty cycle. For best performance, use an
80kHz to 120kHz square wave with 50% duty cycle.
Supply Voltage, VIN to GND ..................................-0.3V to 10.5V
VNEGOUT to GND ...................................................-10.5V to 0.3V
VIN to VNEGOUT .........................................................-0.3V to 21V
VOUT to GND (Note 1) ........................................VNEGOUT to 0.3V
SHDN or OSC (pin 4) Voltage to GND.........-0.3V to (VIN + 0.3V)
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) ........................471mW
Operating Temperature Ranges
MAX85_ISA ......................................................-25°C to +85°C
MAX85_ESA.....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Pin 4
Pin 4
Pin 4
MAX850–MAX852, VFB = 0V,
RL = ∞ or 820Ω, Figure 2a
Pin 4
MAX850/MAX851/MAX853, TA = +25°C
MAX853
MAX850–MAX852
MAX853, VCTRL = 4.1V,
RL = ∞ or 820Ω, Figure 2c
MAX850/MAX853, VIN = 10V, SHDN = 0V
MAX850–MAX852, VFB = 0V,
RL = ∞ or 820Ω, Figure 2a
MAX850–MAX852, no load, Figure 2b
MAX853, VCTRL = 4.1V,
RL = ∞ or 820Ω, Figure 2c
MAX852, OSC low
MAX851, SHDN = 2V
CONDITIONS
pF
10
CIN
Input Capacitance
µA
±1
IIN
Input Current
V
0.5
VIL
Input Low Voltage
V
2.0
VIH
Input High Voltage
kHz
80
100
120
fOSC
Oscillator Frequency (Note 3)
mVp-p
1
VOUT Ripple
2
mV/mA
38
VOUT Load Regulation
48
µA
1
ISHUT
Shutdown Supply Current
25
-4.3
-4.1
-3.9
V
510
VIN
Supply Voltage Range (Note 2)
0.002
1
mA
2.0
3.0
IQ
Supply Current
V
-1.32
-1.28
-1.24
VFBset
Set Voltage
V
-0.5 to -(VIN - 1)
Output Voltage Range
V
-4.2
-4.0
VOUT
Output Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com