Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28600 Datasheet (PDF) - Texas Instruments

UCC28600 Datasheet PDF - Texas Instruments
Part # UCC28600
Download  UCC28600 Download
File Size   677.75 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER

UCC28600 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC28600 Datasheet PDF - Texas Instruments

Part # UCC28600
Download  UCC28600 Click to download

File Size   677.75 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER

UCC28600 Datasheet (HTML) - Texas Instruments


UCC28600 Product details

1FEATURES
2• Qualified for Automotive Applications
• Green-Mode Controller With Advanced Energy
Saving Features
• Quasi-Resonant Mode Operation for Reduced
EMI and Low Switching Losses (Low Voltage
Switching)
• Low Standby Current for System No-Load
Power Consumption
• Low Startup Current: 25 mA Maximum
• Programmable Overvoltage Protection, Line
and Load
• Internal Overtemperature Protection
• Current Limit Protection
– Cycle-by-Cycle Power Limit
– Primary-Side Overcurrent Hiccup Restart
Mode
• 1-A Sink TrueDrive™, -0.75-A Source Gate
Drive Output
• Programmable Soft-Start
• Green-Mode Status Pin (PFC Disable Function)

APPLICATIONS
• Bias Supplies for LCD-Monitors, LCD-TV,
PDP-TV, and Set Top Boxes
• AC/DC Adapters and Offline Battery Chargers
• Energy Efficient Power Supplies up to 200 W

DESCRIPTION
The UCC28600-Q1 is a PWM controller with
advanced energy features to meet stringent
world-wide energy efficiency requirements.
UCC28600-Q1 integrates built-in advanced energy saving features with high level protection features to
provide cost effective solutions for energy efficient
power supplies. UCC28600-Q1 incorporates
frequency fold back and green mode operation to
reduce the operation frequency at light load and no load operations.
UCC28600-Q1 is offered in the 8-pin SOIC (D)
package. Operating ambient temperature range is
-40°C to 105°C.




Similar Part No. - UCC28600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600 TI-UCC28600 Datasheet
354Kb / 25P
8-PIN QUASI-RESONANT FLYBACK GREEN MODE CONTROLLER
UCC28600 TI1-UCC28600 Datasheet
1,021Kb / 32P
8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600 TI-UCC28600 Datasheet
1Mb / 44P
UCC28600 8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600-Q1 TI1-UCC28600-Q1 Datasheet
635Kb / 30P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600-Q1 TI1-UCC28600-Q1 Datasheet
1,014Kb / 32P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
More results


Similar Description - UCC28600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600 TI-UCC28600 Datasheet
354Kb / 25P
8-PIN QUASI-RESONANT FLYBACK GREEN MODE CONTROLLER
UCC28600-Q1 TI1-UCC28600-Q1 Datasheet
635Kb / 30P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI1-UCC28600_13 Datasheet
1,019Kb / 31P
8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600-Q1 TI1-UCC28600-Q1_14 Datasheet
1,014Kb / 32P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI1-UCC28600_14 Datasheet
1,021Kb / 32P
8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600 TI-UCC28600_15 Datasheet
1Mb / 44P
UCC28600 8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600-Q1 TI-UCC28600-Q1_15 Datasheet
961Kb / 31P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
logo
ON Semiconductor
NCP1343 ONSEMI-NCP1343 Datasheet
705Kb / 42P
High Frequency Quasi- Resonant Flyback Controller
March, 2021 ??Rev. 2
NCP1342 ONSEMI-NCP1342_V01 Datasheet
1Mb / 43P
Quasi-Resonant Flyback Controller, High Frequency
May, 2022 - Rev. 24
logo
Diodes Incorporated
AP33510 DIODES-AP33510 Datasheet
1Mb / 12P
QUASI-RESONANT FLYBACK GAN CONTROLLER
Rev. 4 - 2 July 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com