Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28880 Datasheet (PDF) - Texas Instruments

UCC28880 Datasheet PDF - Texas Instruments
Part # UCC28880
Download  UCC28880 Download
File Size   722.51 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC28881 700-V, 225-mA Low Quiescent Current Off-Line Converter

UCC28880 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC28880 Datasheet PDF - Texas Instruments

Part # UCC28880
Download  UCC28880 Click to download

File Size   722.51 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC28881 700-V, 225-mA Low Quiescent Current Off-Line Converter

UCC28880 Datasheet (HTML) - Texas Instruments


UCC28880 Product details

1 Features
1• Integrated 14-Ω, 700-V Power MOSFET
• Integrated High-Voltage Current Source for
Internal Device Bias Power
• Integrated Current Sense
• Internal Soft Start
• Self-Biased Switcher (Start Up and Operation
Directly from Rectified Mains Voltage)
• Supports Buck, Buck-Boost and Flyback
Topologies
• <100-μA Device Quiescent Current
• Robust Current Protection During Load Short
Circuit
• Protection
– Current Limit
– Overload and Output Short Circuit
– Over Temperature

2 Applications
• AC-to-DC Power Supplies
(Non-Isolated Buck Converter with Output Current
up to 225 mA for CCM;
150 mA for DCM)
• E-Meter, Home Automation SMPS
• Bias Power for MCU, RF and IoT Enabled
Devices
• Appliances, White Goods and LED Drivers

3 Description
The UCC28881 integrates the controller and a 14-Ω,
700-V power MOSFET into one monolithic device. The device also integrates a high-voltage current
source, enabling start up and operation directly from
the rectified mains voltage. UCC28881 is the same
family device of UCC28880, with higher current
handling capability.
The low quiescent current of the device enables
excellent efficiency. With the UCC28881 the most
common converter topologies, such as buck, buck- boost and flyback can be built using a minimum
number of external components.
The UCC28881 incorporates a soft-start feature for
controlled start up of the power stage which
minimizes the stress on the power-stage
components.




Similar Part No. - UCC28880

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28880 TI1-UCC28880 Datasheet
1Mb / 35P
700-V Lowest Quiescent Current Off-Line Switcher
UCC28880 TI2-UCC28880 Datasheet
809Kb / 41P
UCC28880 700-V, 100-mA Low Quiescent Current Off-Line Converter
REVISED MAY 2016
UCC28880D TI1-UCC28880D Datasheet
1Mb / 35P
700-V Lowest Quiescent Current Off-Line Switcher
UCC28880D TI1-UCC28880D Datasheet
1Mb / 37P
Low Quiescent Current Off-Line Converter
UCC28880D TI2-UCC28880D Datasheet
809Kb / 41P
UCC28880 700-V, 100-mA Low Quiescent Current Off-Line Converter
REVISED MAY 2016
More results


Similar Description - UCC28880

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
250 mA, 16V, Low Quiescent Current
12/08/06
logo
Texas Instruments
UCC28880 TI1-UCC28880 Datasheet
1Mb / 35P
700-V Lowest Quiescent Current Off-Line Switcher
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181_15 Datasheet
260Kb / 8P
Low Quiescent Current: 20 mA Typ.
logo
Texas Instruments
UCC28881 TI-UCC28881_15 Datasheet
441Kb / 30P
UCC28881 700-V Lowest Quiescent Current Off-Line Switcher
UCC28881 TI1-UCC28881_15 Datasheet
458Kb / 31P
UCC28881 700-V, 225-mA Low Quiescent Current Off-Line Switcher
UCC28881 TI1-UCC28881_16 Datasheet
525Kb / 31P
700-V, 225-mA Low Quiescent Current Off-Line Converter
UCC28880 TI1-UCC28880_16 Datasheet
1Mb / 37P
Low Quiescent Current Off-Line Converter
logo
Monolithic Power System...
MP171 MPS-MP171 Datasheet
516Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 60 mA Output Current
MP172 MPS-MP172 Datasheet
519Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 120 mA Output Current
MP173 MPS-MP173 Datasheet
539Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 280 mA Output Current
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com