Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28880 Datasheet (PDF) - Texas Instruments

UCC28880 Datasheet PDF - Texas Instruments
Part # UCC28880
Download  UCC28880 Download
File Size   809.08 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC28880 700-V, 100-mA Low Quiescent Current Off-Line Converter

UCC28880 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC28880 Datasheet PDF - Texas Instruments

Part # UCC28880
Download  UCC28880 Click to download

File Size   809.08 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC28880 700-V, 100-mA Low Quiescent Current Off-Line Converter

UCC28880 Datasheet (HTML) - Texas Instruments


UCC28880 Product details

1 Features
• Integrated Power MOSFET (Switch) Rated to
700-V Drain-to-Source Voltage
• Integrated High-Voltage Current Source for
Internal Low-Voltage Supply Generation
• Soft Start
• Self-Biased Switcher (Start Up and Operation
Directly from Rectified Mains Voltage)
• Supports Buck, Buck-Boost and Flyback
Topologies
• <100-μA Device Quiescent Current
• Robust Performance with Inductor Current
Runaway Prevention
• Thermal Shutdown
• Protection
– Current Limit
– Overload and Output Short Circuit
• Create a Custom Design Using the UCC28880
with the WEBENCH Power Designer

2 Applications
• AC-to-DC Power Supplies
(Output Current Up to 100 mA for CCM;
70 mA for DCM)
• Metering, Home Automation, Infrastructure SMPS
• Low-Side Buck Topology for TRIAC Driver
• Appliances, White Goods and LED Drivers

3 Description
The UCC28880 integrates the controller and a 700-V
power MOSFET into one monolithic device. The
device also integrates a high-voltage current source,
enabling start up and operation directly from the
rectified mains voltage.
The low quiescent current of the device enables
excellent efficiency. With the UCC28880 the most
common converter topologies, such as buck, buckboost
and flyback can be built using a minimum
number of external components.
The UCC28880 incorporates a soft-start feature for
controlled start up of the power stage which
minimizes the stress on the power-stage
components.




Similar Part No. - UCC28880

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28880 TI1-UCC28880 Datasheet
1Mb / 35P
700-V Lowest Quiescent Current Off-Line Switcher
UCC28880 TI2-UCC28880 Datasheet
722Kb / 32P
UCC28881 700-V, 225-mA Low Quiescent Current Off-Line Converter
REVISED JANUARY 2016
UCC28880D TI1-UCC28880D Datasheet
1Mb / 35P
700-V Lowest Quiescent Current Off-Line Switcher
UCC28880D TI1-UCC28880D Datasheet
1Mb / 37P
Low Quiescent Current Off-Line Converter
UCC28880DR TI1-UCC28880DR Datasheet
1Mb / 35P
700-V Lowest Quiescent Current Off-Line Switcher
More results


Similar Description - UCC28880

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP120 AD-ADP120 Datasheet
535Kb / 20P
100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
logo
Microchip Technology
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
250 mA, 16V, Low Quiescent Current
12/08/06
logo
Texas Instruments
UCC28880 TI1-UCC28880 Datasheet
1Mb / 35P
700-V Lowest Quiescent Current Off-Line Switcher
UCC28881 TI-UCC28881_15 Datasheet
441Kb / 30P
UCC28881 700-V Lowest Quiescent Current Off-Line Switcher
UCC28881 TI1-UCC28881_15 Datasheet
458Kb / 31P
UCC28881 700-V, 225-mA Low Quiescent Current Off-Line Switcher
UCC28881 TI1-UCC28881_16 Datasheet
525Kb / 31P
700-V, 225-mA Low Quiescent Current Off-Line Converter
UCC28880 TI1-UCC28880_16 Datasheet
1Mb / 37P
Low Quiescent Current Off-Line Converter
logo
Monolithic Power System...
MP171 MPS-MP171 Datasheet
516Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 60 mA Output Current
MP172 MPS-MP172 Datasheet
519Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 120 mA Output Current
MP173 MPS-MP173 Datasheet
539Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 280 mA Output Current
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com