Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC29411 Datasheet (PDF) - Texas Instruments

UCC29411 Datasheet PDF - Texas Instruments
Part # UCC29411
Download  UCC29411 Download
File Size   844.14 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER SYNCHRONOUS BOOST CONVERTER

UCC29411 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC29411 Datasheet PDF - Texas Instruments

Part # UCC29411
Download  UCC29411 Click to download

File Size   844.14 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER SYNCHRONOUS BOOST CONVERTER

UCC29411 Datasheet (HTML) - Texas Instruments


UCC29411 Product details

FEATURES
· 1 V Input Voltage Operation Start-Up Ensured
Under Full Load on Main Output, and
Operation Down to 0.5 V
· 200 mW Output Power at Battery Voltages as
Low as 0.8 V
· Secondary 7 V Supply from a Single Inductor
· Output Fully Disconnected in Shutdown
· Adaptive Current Mode Control for Optimum
Efficiency
· High Efficiency Over Wide Operating Range
· 6 μA Shutdown Supply Current
· Output Reset Function with Programmable
Reset Period

DESCRIPTION
The UCCx9411 family of low-input voltage, single-inductor-boost converters is optimized to operate from a single
or dual alkaline cell, and steps up to a 3.3 V, 5 V, or adjustable output at 200 mW. The UCCx9411 family also
provides an auxiliary 7 V output, primarily for the gate-drive supply, which can be used for applications requiring
an auxiliary output, such as 5 V, by linear regulating. The primary output starts up under full load at input
voltages typically as low as 0.8 V with a ensured max of 1 V, and operates down to 0.5 V once the converter is
operating, thereby maximizing battery usage.
The UCCx9411 family is designed to accommodate demanding applications such as pagers and cell phones that
require high efficiency over a wide operating range of several milliwatts to a couple of hundred milli-watts. High
efficiency at low output current is achieved by optimizing switching and conduction losses with a low total
quiescent current. At higher output current, the 0.5 W switch and 1.2 W synchronous rectifier along with
continuous mode conduction provide high power efficiency. The wide input voltage range of the UCCx9411
family can accommodate other power sources such as NiCd and NiMH.
The UCCx9411 family also provides shutdown control. Packages available are the 8-pin SOIC (D) and 8-pin
TSSOP (PW) to optimize board space.




Similar Part No. - UCC29411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29411 TI-UCC29411 Datasheet
143Kb / 8P
Low Power Synchronous Boost Converter
UCC29411 TI1-UCC29411 Datasheet
1Mb / 22P
LOW-POWER SYNCHRONOUS BOOST CONVERTER
UCC29411D TI1-UCC29411D Datasheet
1Mb / 22P
LOW-POWER SYNCHRONOUS BOOST CONVERTER
UCC29411DG4 TI1-UCC29411DG4 Datasheet
1Mb / 22P
LOW-POWER SYNCHRONOUS BOOST CONVERTER
More results


Similar Description - UCC29411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC19411 TI-UCC19411 Datasheet
143Kb / 8P
Low Power Synchronous Boost Converter
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
Low Voltage Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
Synchronous Boost Converter
logo
Texas Instruments
UCC39411 TI-UCC39411_15 Datasheet
645Kb / 20P
LOW-POWER SYNCHRONOUS BOOST CONVERTER
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
Synchronous Boost Converter
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
Synchronous Boost Converter
UCC29411 TI1-UCC29411 Datasheet
1Mb / 22P
LOW-POWER SYNCHRONOUS BOOST CONVERTER
logo
Shenzhen Huazhimei Semi...
HM6380 HMSEMI-HM6380 Datasheet
1Mb / 13P
Low-power, high-efficiency synchronous boost converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com