Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40264 Datasheet (PDF) - Microchip Technology

ZL40264 Datasheet PDF - Microchip Technology
Part # ZL40264
Download  ZL40264 Download
File Size   3033.64 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Four Output Ultra-Low Additive Phase Noise PCIe

ZL40264 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL40264 Datasheet PDF - Microchip Technology

Part # ZL40264
Download  ZL40264 Click to download

File Size   3033.64 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Four Output Ultra-Low Additive Phase Noise PCIe

ZL40264 Datasheet (HTML) - Microchip Technology


ZL40264 Product details

Features
• One Differential Input which Accepts Any Differential
Format
• Four Differential HCSL Outputs
• Ultra-Low Additive Jitter: 33 fs (in 12 kHz to
20 MHz Integration Band at 491.52 MHz Clock
Frequency)
• Supports Clock Frequencies from 0 MHz to
600 MHz
• Supports 2.5V or 3.3V Power Supplies for HCSL
Outputs
• Embedded Low Drop Out (LDO) Voltage Regulator
Provides Superior Power Supply Noise Rejection
• Maximum Output to Output Skew of 50 ps
• Individual Output Enable Pin for Each Differential
Pair
• Transfers Spread-Spectrum without Attenuation
Applications
• PCI Express Generation 1/2/3/4/5/6 Clock Distribution
• UPI/QPI Clock Distribution
• Low Jitter Clock Trees
• Logic Translation
• Clock and Data Signal Restoration
• High-Performance Microprocessor Clock Distribution
• Test Equipment




Similar Part No. - ZL40264

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL40260 MICROSEMI-ZL40260 Datasheet
882Kb / 21P
Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
ZL40260LDF1 MICROSEMI-ZL40260LDF1 Datasheet
882Kb / 21P
Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
ZL40260LDG1 MICROSEMI-ZL40260LDG1 Datasheet
882Kb / 21P
Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
ZL40260QGF1 MICROSEMI-ZL40260QGF1 Datasheet
882Kb / 21P
Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
ZL40260QGG1 MICROSEMI-ZL40260QGG1 Datasheet
882Kb / 21P
Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
More results


Similar Description - ZL40264

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-708 VECTRON-VC-708 Datasheet
279Kb / 7P
Ultra Low Phase Noise
logo
Integrated Device Techn...
651S IDT-651S Datasheet
222Kb / 12P
Low additive phase jitter RMS
logo
Crystek Corporation
CVHD-575 CRYSTEKCRYSTAL-CVHD-575 Datasheet
260Kb / 2P
Ultra-Low Phase Noise
logo
M/A-COM Technology Solu...
MLPNC-7102 MA-COM-MLPNC-7102 Datasheet
637Kb / 5P
Ultra-Low Phase Noise
MLPNC-7103S1 MA-COM-MLPNC-7103S1 Datasheet
864Kb / 12P
Ultra-Low Phase Noise
MLPNC-7100 MA-COM-MLPNC-7100 Datasheet
648Kb / 5P
Ultra-Low Phase Noise
logo
CRYSTEK CORPORATION
CVHD-575 CRYSTEKMICROWAVE-CVHD-575_17 Datasheet
493Kb / 3P
Ultra-Low Phase Noise
CVHD-950 CRYSTEKMICROWAVE-CVHD-950_17 Datasheet
580Kb / 3P
Ultra-Low Phase Noise
logo
Microsemi Corporation
ZL40292 MICROSEMI-ZL40292 Datasheet
928Kb / 28P
20-Output DB2000Q Buffer with Ultra Low Additive Jitter
March 2019
ZL40293 MICROSEMI-ZL40293 Datasheet
902Kb / 29P
20-Output PCIe Gen 1, 2 ,3, 4 and 5 Buffer with Ultra-Low Additive Jitter
March 2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com