Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40268 Datasheet (PDF) - Microchip Technology

ZL40268 Datasheet PDF - Microchip Technology
Part # ZL40268
Download  ZL40268 Download
File Size   3187.54 Kbytes
Page   56 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low Skew, Low Additive Jitter 8 Output HCSL/LVDS/

ZL40268 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL40268 Datasheet PDF - Microchip Technology

Part # ZL40268
Download  ZL40268 Click to download

File Size   3187.54 Kbytes
Page   56 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low Skew, Low Additive Jitter 8 Output HCSL/LVDS/

ZL40268 Datasheet (HTML) - Microchip Technology


ZL40268 Product details

Features
• 3 to 1 Input Multiplexer: Two Inputs Accept Any
Differential (LVPECL, HCSL, LVDS, SSTL, CML,
LVCMOS) or a Single-Ended Signal and the Third
Input Accepts a Crystal or a Single-Ended Signal
• Eight Differential HCSL/LVDS/LVPECL Outputs
• Ultra-Low Additive Jitter: 24 fs (Integration Band:
12 kHz to 20 MHz at 625 MHz Clock Frequency)
• Supports Clock Frequencies from 0 to 1.5 GHz
• Supports 2.5V or 3.3V Power Supplies on HCSL/
LVDS/LVPECL Outputs
• Embedded Low Drop Out (LDO) Voltage
Regulator Provides Superior Power Supply Noise
Rejection
• Maximum Output to Output Skew of 50 ps
• Device Controlled Via I2C or Hardware Control
Pins
• Factory Configurable Default Settings via OTP
• Transparent for Spread Spectrum Clock
Applications
• PCIe Gen1/2/3/4/5 Clock Distribution
• Wired Communications: OTN, SONET/SDH, GE,
10 GE, FC and 10G FC
• General Purpose Clock Distribution
• Low-Jitter Clock Trees
• Logic Translation
• Clock and Data Signal Restoration
• Wireless Communications
• High Performance Microprocessor Clock
Distribution
• Test Equipment




Similar Part No. - ZL40268

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL40260 MICROSEMI-ZL40260 Datasheet
882Kb / 21P
Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
ZL40260LDF1 MICROSEMI-ZL40260LDF1 Datasheet
882Kb / 21P
Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
ZL40260LDG1 MICROSEMI-ZL40260LDG1 Datasheet
882Kb / 21P
Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
ZL40260QGF1 MICROSEMI-ZL40260QGF1 Datasheet
882Kb / 21P
Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
ZL40260QGG1 MICROSEMI-ZL40260QGG1 Datasheet
882Kb / 21P
Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
More results


Similar Description - ZL40268

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
2:8 Low Additive Jitter LVDS Buffer
logo
Integrated Device Techn...
IDT8P34S1102I IDT-IDT8P34S1102I Datasheet
292Kb / 18P
Two low skew, low additive jitter LVDS output pairs
IDT8P34S1208I IDT-IDT8P34S1208I Datasheet
345Kb / 18P
Eight low skew, low additive jitter LVDS output pairs
IDT8P34S1212I IDT-IDT8P34S1212I Datasheet
407Kb / 19P
Twelve low skew, low additive jitter LVDS output pairs
IDT8SLVD1208-33I IDT-IDT8SLVD1208-33I Datasheet
400Kb / 21P
Eight low skew, low additive jitter LVDS output pairs
logo
Microchip Technology
ZL40272 MICROCHIP-ZL40272 Datasheet
2Mb / 54P
Low-Skew, Low Additive Jitter, 12 Output HCSL/LVDS/ LVPECL Fanout Buffer with Per-Output Enable Control
09/14/21
logo
Microsemi Corporation
ZL40230 MICROSEMI-ZL40230 Datasheet
2Mb / 51P
Low Skew, Low Additive Jitter 10 output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40231 MICROSEMI-ZL40231 Datasheet
1Mb / 36P
Low Skew, Low Additive Jitter, 10 output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40234 MICROSEMI-ZL40234 Datasheet
1Mb / 35P
Low Skew, Low Additive Jitter, 4 Output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
September 2018
ZL40235 MICROSEMI-ZL40235 Datasheet
2Mb / 50P
Low Skew, Low Additive Jitter 3 x 5 LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com