Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2848 Datasheet (PDF) - Adafruit Industries

2848 Datasheet PDF - Adafruit Industries
Part # 2848
Download  2848 Download
File Size   95.86 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NeoPixel Digital RGBW LED Strip - Black PCB 144 LED/m - 1m

2848 Datasheet (PDF)

Go To PDF Page Download Datasheet
2848 Datasheet PDF - Adafruit Industries

Part # 2848
Download  2848 Click to download

File Size   95.86 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description NeoPixel Digital RGBW LED Strip - Black PCB 144 LED/m - 1m

2848 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 2848

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2848 KR-2848 Datasheet
47Kb / 2P
7 dB negative slope equalizer
logo
Heyco.
2848 HEYCO-2848 Datasheet
102Kb / 1P
Shorty Bushings
logo
List of Unclassifed Man...
28480 ETC2-28480 Datasheet
33Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
logo
ERNI Electronics
284870 ERNI-284870 Datasheet
83Kb / 1P
FEDERLEISTE B 32
284871 ERNI-284871 Datasheet
83Kb / 1P
FEDERLEISTE B 32
More results


Similar Description - 2848

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMW50815GP-R5MAS1C1A-A OPTOSUPPLY-OSMW50815GP-R5MAS1C1A-A Datasheet
87Kb / 3P
LED Light Strip
logo
Ningbo Foryard Optoelec...
FYSH-5050RGB-150-12VWWF FORYARD-FYSH-5050RGB-150-12VWWF Datasheet
735Kb / 7P
Waterproof Flexible RGB LED Strip With White PCB
logo
Mean Well Enterprises C...
IRL-RGBW-01 MEANWELL-IRL-RGBW-01 Datasheet
1Mb / 3P
LED Strip Module
logo
LUMEX INC.
SSP-FSD50GRB-12V-1 LUMEX-SSP-FSD50GRB-12V-1 Datasheet
56Kb / 1P
Strip LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMB-6WD0 AVAGO-ASMB-6WD0 Datasheet
516Kb / 14P
RGBW Thin DFN6 LED
logo
Inolux Corporation
IN-PI55QATPRPGPBPW-XX INOLUX-IN-PI55QATPRPGPBPW-XX Datasheet
1Mb / 17P
5050 RGBW LED 4-Pin with Integrated IC
logo
SparkFun Electronics
COM-12025 SPARKFUN-COM-12025 Datasheet
218Kb / 1P
LED RGB Strip - Addressable, Bare (1m)
COM-14710 SPARKFUN-COM-14710 Datasheet
310Kb / 3P
Mi Light RGBW LED Controller Box
7-3-18
logo
Inolux Corporation
IN-PI33QBTPRPGPBPW-40 INOLUX-IN-PI33QBTPRPGPBPW-40 Datasheet
1Mb / 17P
3537 RGBW LED 6-Pin with Integrated IC
Aug 10, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com