Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2848 Datasheet (PDF) - KR Electronics, Inc.

2848 Datasheet PDF - KR Electronics, Inc.
Part # 2848
Download  2848 Download
File Size   47.31 Kbytes
Page   2 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 7 dB negative slope equalizer

2848 Datasheet (PDF)

Go To PDF Page Download Datasheet
2848 Datasheet PDF - KR Electronics, Inc.

Part # 2848
Download  2848 Click to download

File Size   47.31 Kbytes
Page   2 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 7 dB negative slope equalizer

2848 Datasheet (HTML) - KR Electronics, Inc.


2848 Product details

General Description

KR 2848 is a 7 dB negative slope equalizer. The equalizer has a frequency band from 400 MHz to 1000 MHz. Other frequencies and slopes are available. Please consult the factory.



Features

• 7 dB Negative Slope Equalizer

• 400 MHz to 1000 MHz

• 50 Ω Source and Load

• Surface Mount




Similar Part No. - 2848

ManufacturerPart #DatasheetDescription
logo
Heyco.
2848 HEYCO-2848 Datasheet
102Kb / 1P
Shorty Bushings
logo
Adafruit Industries
2848 ADAFRUIT-2848 Datasheet
95Kb / 2P
NeoPixel Digital RGBW LED Strip - Black PCB 144 LED/m - 1m
logo
List of Unclassifed Man...
28480 ETC2-28480 Datasheet
33Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
logo
ERNI Electronics
284870 ERNI-284870 Datasheet
83Kb / 1P
FEDERLEISTE B 32
284871 ERNI-284871 Datasheet
83Kb / 1P
FEDERLEISTE B 32
More results


Similar Description - 2848

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2815 KR-2815 Datasheet
48Kb / 2P
6 dB negative slope equalizer
2816 KR-2816 Datasheet
49Kb / 2P
7 dB negative slope equalizer
2817 KR-2817 Datasheet
49Kb / 2P
7 dB negative slope equalizer
2817-SMA KR-2817-SMA Datasheet
44Kb / 2P
7 dB negative slope equalizer
2857 KR-2857 Datasheet
49Kb / 2P
5 dB negative slope equalizer
3120 KR-3120 Datasheet
130Kb / 2P
Negative Slope Equalizer
logo
Mini-Circuits
REQ-75-182 MINI-REQ-75-182 Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-3-222N MINI-ZEQ-3-222N Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-5-292-S MINI-ZEQ-5-292-S Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-8-222N MINI-ZEQ-8-222N Datasheet
1Mb / 3P
Slope Equalizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com