Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS4 Datasheet (PDF) - BeRex Corporation

BGS4 Datasheet PDF - BeRex Corporation
Part # BGS4
Download  BGS4 Download
File Size   952.83 Kbytes
Page   11 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 50-4000 MHz Cascadable InGaP HBT Gain Block

BGS4 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGS4 Datasheet PDF - BeRex Corporation

Part # BGS4
Download  BGS4 Click to download

File Size   952.83 Kbytes
Page   11 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 50-4000 MHz Cascadable InGaP HBT Gain Block

BGS4 Datasheet (HTML) - BeRex Corporation


BGS4 Product details

Device Features
• This cam be operated at Vc of 3.3V and 4.0V
• Internally matched to 50 ohms
• 30.0 dBm Output IP3 at -3 dBm/tone at 1900MHz
• 14.6 dB Gain at 1900MHz
• 2.1dB Typical N.F at 1900MHz
• Highly Reliable InGaP/GaAs HBT Technology
• RoHS2-compliant SOT-363 SMT package

Product Description
BeRex’s BGS4 is a high performance InGaP/GaAs HBT MMIC amplifier, internally matched to 50 Ohms and requires no external matching components. The BGS4 is designed for high linearity gain block applications. It is packaged in a RoHS2-compliant with SOT-363 surface mount package.

Applications
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system




Similar Part No. - BGS4

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BGS4 BEREX-BGS4 Datasheet
1Mb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4 Datasheet
1Mb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4 Datasheet
823Kb / 3P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4_16 Datasheet
1Mb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4_18 Datasheet
823Kb / 3P
50-4000 MHz Cascadable InGaP HBT Gain Block
More results


Similar Description - BGS4

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BGS4 BEREX-BGS4 Datasheet
1Mb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG15A BEREX-BG15A Datasheet
1Mb / 9P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG12B BEREX-BG12B Datasheet
1Mb / 10P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG11C BEREX-BG11C Datasheet
1Mb / 10P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4_16 Datasheet
1Mb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG11C BEREX-BG11C_18 Datasheet
1Mb / 10P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4_18 Datasheet
823Kb / 3P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG12B BEREX-BG12B_18 Datasheet
1Mb / 10P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG12C BEREX-BG12C_18 Datasheet
1Mb / 9P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG15A BEREX-BG15A_18 Datasheet
1,015Kb / 9P
50-4000 MHz Cascadable InGaP HBT Gain Block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com