Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS4 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BGS4
Description  50-4000 MHz Cascadable InGaP HBT Gain Block
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS4 Datasheet(HTML) 1 Page - BeRex Corporation

  BGS4 Datasheet HTML 1Page - BeRex Corporation BGS4 Datasheet HTML 2Page - BeRex Corporation BGS4 Datasheet HTML 3Page - BeRex Corporation BGS4 Datasheet HTML 4Page - BeRex Corporation BGS4 Datasheet HTML 5Page - BeRex Corporation BGS4 Datasheet HTML 6Page - BeRex Corporation BGS4 Datasheet HTML 7Page - BeRex Corporation BGS4 Datasheet HTML 8Page - BeRex Corporation BGS4 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4
1
Rev. 13.0
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
• This cam be operated at Vc of 3.3V and 4.0V
• Internally matched to 50 ohms
• 30.0 dBm Output IP3 at -3 dBm/tone at 1900MHz
• 14.6 dB Gain at 1900MHz
• 2.1dB Typical N.F at 1900MHz
• Highly Reliable InGaP/GaAs HBT Technology
• RoHS2-compliant SOT-363 SMT package
BeRex’s BGS4 is a high performance InGaP/
GaAs HBT MMIC amplifier, internally
matched to 50 Ohms and requires no exter-
nal matching components. The BGS4 is de-
signed for high linearity gain block applica-
tions. It is packaged in a RoHS2-compliant
with SOT-363 surface mount package.
Product Description
Device Features
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system
Applications
Applications Circuit
BOM 50~600MHz 600~1700MHz
2500~4000MHz
1700~2500MHz
C1
820pF
100pF
8.2pF
4.7pF
C2
820pF
100pF
15pF
20pF
C3
100pF
100pF
100pF
100pF
C4
1nF
1nF
1nF
1nF
C5
1uF
1uF
1uF
1uF
L1
820nH
82nH
12nH
18nH
B4X
X
IN
GND
GND
OUT
GND
GND
Part Marking (XX:Wafer number)
Pin Description
RF IN
3
RF OUT
6
GND
1,2,4,5
Recommended Operating Conditions
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
50
4000
MHz
Test Frequency
1900
MHz
Gain
13.1
14.6
dB
Input Return Loss
-13.0
dB
Output Return Loss
-16.0
dB
Output IP3
0 dBm / tone ,
Δf=1 MHz
27.0
30.0
dBm
Output P1dB
17.8
18.8
dBm
Noise Figure
2.1
dB
Device performance _ measured on a BeRex evaluation board at 25°C, Vd=3.3V, 50 Ω system.
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
50
4000
MHz
Test Frequency
1900
MHz
Gain
14.0
15.5
dB
Input Return Loss
-14.0
dB
Output Return Loss
-16.0
dB
Output IP3
0 dBm / tone ,
Δf=1 MHz
28.0
31.0
dBm
Output P1dB
19.8
20.8
dBm
Noise Figure
3.7
dB
Device performance _ measured on a BeRex evaluation board at 25°C, Vd=4V, 50 Ω system.
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating conditions.
Parameter
Min
Typ
Max
Unit
Bandwidth
50
4000
MHz
Ic @ (Vc = 3.3V)
21
26
31
mA
Ic @ (Vc = 4.0V)
56
70
84
mA
Vc
3.15
3.3
4
V
dG/dT
-0.0026
dB/°C
RTH
62
°C/W
Operating Case Temperature
-40
+105
°C
Electrical Specifications
C1
C2
RF In
RF Out
BGS4
Vcc
L1
C3
C4
C5


Similar Part No. - BGS4

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BGS4 BEREX-BGS4 Datasheet
1Mb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4 Datasheet
1Mb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4 Datasheet
823Kb / 3P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4_16 Datasheet
1Mb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4_18 Datasheet
823Kb / 3P
50-4000 MHz Cascadable InGaP HBT Gain Block
More results

Similar Description - BGS4

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BGS4 BEREX-BGS4 Datasheet
1Mb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG15A BEREX-BG15A Datasheet
1Mb / 9P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG12B BEREX-BG12B Datasheet
1Mb / 10P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG11C BEREX-BG11C Datasheet
1Mb / 10P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4_16 Datasheet
1Mb / 11P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG11C BEREX-BG11C_18 Datasheet
1Mb / 10P
50-4000 MHz Cascadable InGaP HBT Gain Block
BGS4 BEREX-BGS4_18 Datasheet
823Kb / 3P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG12B BEREX-BG12B_18 Datasheet
1Mb / 10P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG12C BEREX-BG12C_18 Datasheet
1Mb / 9P
50-4000 MHz Cascadable InGaP HBT Gain Block
BG15A BEREX-BG15A_18 Datasheet
1,015Kb / 9P
50-4000 MHz Cascadable InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com