Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1310 Datasheet (PDF) - Texas Instruments

TUSB1310 Datasheet PDF - Texas Instruments
Part # TUSB1310
Download  TUSB1310 Download
File Size   496.77 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description USB 3.0 Transceiver

TUSB1310 Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB1310 Datasheet PDF - Texas Instruments

Part # TUSB1310
Download  TUSB1310 Click to download

File Size   496.77 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description USB 3.0 Transceiver

TUSB1310 Datasheet (HTML) - Texas Instruments


TUSB1310 Product details

1.1 Features
1• Universal Serial Bus (USB)
– Single Port 5.0-Gbps USB 3.0 Physical Layer Transceiver
• One 5.0-Gbps SuperSpeed Conneciton
• One 480-Mbps HS/FS/LS Connection
– Fully Compliant with USB 3.0 Specification
– Supports 3+ Meters USB 3.0 Cable Length
– Fully Adaptive Equalizer to Optimize Receiver Sensitivity
– PIPE to Link Layer Controller
• Supports 16-Bit SDR Mode at 250 MHz
• Compliant With PHY Interface for the USB Architectures (PIPE), Version 3.0
– ULPI to Link Layer Controller
• Supports 8-Bit SDR Mode at 60 MHz
• Supports Synchronous Mode and Low Power Mode
• Compliant with UTMI+ Low Pin Interface (ULPI) Specification, Revision 1.1
• General Features
– IEEE 1149.1 JTAG Support
– IEEE 1149.6 JTAG support for the SuperSpeed Port
– Operates on a Single Reference Clock Selectable from 20, 25, 30 or 40 MHz
– 3.3-, 1.8-, and 1.1-V Supply Voltages
– 1.8-V PIPE and ULPI I/O
– Available in Lead-Free 175-Ball 12- x 12-nF BGA Package (175ZAY)

1.2 Target Applications
• Surveillance Cameras
• Multimedia Handset
• Smartphone
• Digital Still Camera
• Portable Media Player
• Personal Navigation Device
• Audio Dock
• Video IP Phone
• Wireless IP Phone
• Software Defined Radio




Similar Part No. - TUSB1310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1310 TI-TUSB1310 Datasheet
275Kb / 36P
USB 3.0 Transceiver Data Manual
TUSB1310 TI-TUSB1310 Datasheet
357Kb / 36P
USB 3.0 Transceiver
TUSB1310A TI-TUSB1310A Datasheet
580Kb / 42P
USB 3.0 Transceiver
TUSB1310A TI2-TUSB1310A Datasheet
985Kb / 47P
TUSB1310A USB 3.0 Transceiver
REVISED NOVEMBER 2017
TUSB1310AZAY TI-TUSB1310AZAY Datasheet
580Kb / 42P
USB 3.0 Transceiver
More results


Similar Description - TUSB1310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1310 TI-TUSB1310 Datasheet
275Kb / 36P
USB 3.0 Transceiver Data Manual
TUSB1310 TI-TUSB1310_1 Datasheet
357Kb / 36P
USB 3.0 Transceiver
logo
Qualtek Electronics Cor...
3023001-01M QUALTEK-3023001-01M Datasheet
636Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023003-01M QUALTEK-3023003-01M Datasheet
609Kb / 1P
USB 3.0 A/M - USB 3.0 B/M
3023013-02M QUALTEK-3023013-02M Datasheet
633Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023015-02M QUALTEK-3023015-02M Datasheet
606Kb / 1P
USB 3.0 A/M - USB 3.0 B/M
logo
Texas Instruments
TUSB1310A TI-TUSB1310A Datasheet
580Kb / 42P
USB 3.0 Transceiver
logo
Glenair, Inc.
963-012 GLENAIR-963-012 Datasheet
205Kb / 1P
USB 3.0
logo
Leopard Imaging Inc.
LI-USB30-AR0144X LEOPARD-LI-USB30-AR0144X Datasheet
454Kb / 2P
USB 3.0
LI-USB30-MIPI-TESTER LEOPARD-LI-USB30-MIPI-TESTER Datasheet
726Kb / 3P
USB 3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com