Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041I Datasheet (PDF) - Texas Instruments

TUSB4041I Datasheet PDF - Texas Instruments
Part # TUSB4041I
Download  TUSB4041I Download
File Size   811.42 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB4041I Four-Port USB 2.0 Hub

TUSB4041I Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB4041I Datasheet PDF - Texas Instruments

Part # TUSB4041I
Download  TUSB4041I Click to download

File Size   811.42 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB4041I Four-Port USB 2.0 Hub

TUSB4041I Datasheet (HTML) - Texas Instruments


TUSB4041I Product details

1 Features
1• Four Port USB 2.0 Hub
• USB 2.0 Hub Features
– Multi Transaction Translator (MTT) Hub: Four
Transaction Translators
– Four Asynchronous Endpoint Buffers per
Transaction Translator
• Supports USB Battery Charging
– CDP Mode (Upstream Port Connected)
– DCP Mode (Upstream Port Unconnected)
– DCP Mode Complies With Chinese
Telecommunications Industry Standard YD/T
1591-2009
– Supports D+ and D– Divider Mode
• Per Port or Ganged Power Switching and
Overcurrent Notification Inputs
• OTP ROM, Serial EEPROM or I2C and SMBus
Slave Interface for Custom Configurations:
– VID and PID
– Customizable Ports
– Manufacturer and Product Strings (not by OTP
ROM)
– Serial Number (not by OTP ROM)
• Application Feature Selection Using Pin Selection
or EEPROM, I2C, or SMBus Slave Interface
• Provides 128-Bit Universally Unique Identifier
(UUID)
• Supports On-Board and In-System OTP and
EEPROM Programming Through the USB 2.0
Upstream Port
• Single Clock Input, 24-MHz Crystal or Oscillator
• DM/DP Polarity Swap
• Type C Compatible
• No Special Driver Requirements; Works
Seamlessly on any Operating System With USB
Stack Support
• 64-Pin HTQFP Package (PAP)

2 Applications
• Computer Systems
• Docking Stations
• Monitors
• Set-Top Boxes

3 Description
The TUSB4041I device is a four-port USB 2.0 hub.
The device provides USB high-speed or full-speed
connections on the upstream port. The device also
provides USB high-speed, full-speed, or low-speed
connections on the downstream ports. When the
upstream port is connected to an electrical
environment that only supports high-speed, fullspeed,
and low-speed connections, the USB highspeed,
full-speed and low-speed connectivity is
enabled on the downstream ports. When the
upstream port is connected to an electrical
environment that only supports full-speed or lowspeed
connections, the USB high-speed connectivity
are disabled on the downstream ports.




Similar Part No. - TUSB4041I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
TUSB4041I Four-Port USB 2.0 Hub
TUSB4041I TI-TUSB4041I Datasheet
842Kb / 48P
TUSB4041I Four-Port USB 2.0 Hub
SEPTEMBER 2017
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI-TUSB4041I-Q1 Datasheet
842Kb / 48P
TUSB4041I Four-Port USB 2.0 Hub
SEPTEMBER 2017
More results


Similar Description - TUSB4041I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
TUSB4041I Four-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com