Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX7516 Datasheet (PDF) - Texas Instruments

TX7516 Datasheet PDF - Texas Instruments
Part # TX7516
Download  TX7516 Download
File Size   591.74 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TX7516 Five-Level, 16-Channel Transmitter with T/R Switch, and On-Chip Beamformer

TX7516 Datasheet (PDF)

Go To PDF Page Download Datasheet
TX7516 Datasheet PDF - Texas Instruments

Part # TX7516
Download  TX7516 Click to download

File Size   591.74 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TX7516 Five-Level, 16-Channel Transmitter with T/R Switch, and On-Chip Beamformer

TX7516 Datasheet (HTML) - Texas Instruments


TX7516 Product details

1 Features
• Transmitter supports:
– 16-channel 5-level pulser and active transmit/
receive (T/R) switch
• 5-level pulser:
– Maximum output voltage: ±100 V
– Minimum output voltage: ±1 V
– Maximum output current: 2 A
– Support 4A output current mode.
– True return to zero to discharge output to
ground
– Second harmonic of –45 dBc at 5 MHz
– –3-dB Bandwidth with 1-kΩ || 240-pF load
• 20 MHz for a ±100-V supply
• 25 MHz for a ±70-V supply
• 35 MHz for a ±100-V supply in 4A mode
– Integrated jitter: 100 fs measured from 100 Hz
to 20 kHz
– CW mode close-in phase noise: –154 dBc/Hz
at 1 kHz offset for 5-MHz signal
– Very low receive power: 1mW/ch
• Active transmit/receive (T/R) switch with:
– Turnon resistance of 8 Ω
– Turnon and Turnoff time: 100 ns
– Transient glitch: 10 mVPP
• On-chip beam former with:
– Channel based T/R switch on and off controls
– Delay resolution: half beamformer clock period,
minimum 2 ns
– Maximum delay: 214 beamformer clock period
– Maximum beamformer clock speed: 320 MHz
– Per channel pattern control with 2K distinct
level.
– Global and local repeat pattern, enabling long
duration patterns for Shear Wave imaging
– Supports 120 delay profiles
• High-speed (400 MHz maximum), 2-lane LVDS
serial programming interface.
– Low programming time: < 500 ns for delay
profile update
– 32-bit Checksum feature to detect wrong SPI
writes
• Supports CMOS serial programming interface (50
MHz maximum)
• Internal temperature sensor and automatic thermal
shutdown
• No specific power sequencing requirement
• Error flag register to detect faulty conditions
• Integrated passives for the floating supplies and
bias voltages
• Small package: FC-BGA-144 (10 mm × 10 mm)
with 0.8-mm pitch

2 Applications
• Ultrasound imaging system
• Piezoelectric driver
• In-probe ultrasound imaging

3 Description
TX7516 is a highly integrated, high-performance
transmitter solution for ultrasound imaging system.
The device has total 16 pulser circuits, 16 transmit/
receive switches (referred as T/R or TR switches),
and supports on-chip beamformer (TxBF). The device
also integrates on-chip floating power supplies that
reduce the number of required high voltage power
supplies.
TX7516 has a pulser circuit that generates five-level
high voltage pulses (up to ±100 V) that is used to
excite multiple channels of an ultrasound transducer.
The device supports total 16 outputs. The maximum
output current is 2 A.
Device can be used as a transmitter solution for many
applications like ultrasound imaging, non-destructive
testing, SONAR, LIDAR, marine navigation system,
brain imaging systems and so on.




Similar Part No. - TX7516

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TX7516 TI-TX7516 Datasheet
594Kb / 8P
TX7516 Five-Level, 16-Channel Transmitter with T/R Switch, and On-Chip Beamformer
TX7516 TI-TX7516 Datasheet
626Kb / 9P
TX7516 Five-Level, 16-Channel Transmitter with T/R Switch, and On-Chip Beamformer
MARCH 2022
TX7516ALH TI-TX7516ALH Datasheet
626Kb / 9P
TX7516 Five-Level, 16-Channel Transmitter with T/R Switch, and On-Chip Beamformer
MARCH 2022
TX7516 TI-TX7516_V01 Datasheet
626Kb / 9P
TX7516 Five-Level, 16-Channel Transmitter with T/R Switch, and On-Chip Beamformer
MARCH 2022
More results


Similar Description - TX7516

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5325M BOARDCOM-BCM5325M Datasheet
100Kb / 2P
FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
logo
Maxim Integrated Produc...
MAX14808 MAXIM-MAX14808 Datasheet
1Mb / 31P
Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
Rev 0; 9/12
logo
Broadcom Corporation.
BCM5325MA2KQMG BOARDCOM-BCM5325MA2KQMG Datasheet
101Kb / 2P
FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
logo
Texas Instruments
TX7332 TI1-TX7332 Datasheet
411Kb / 9P
Three-level, 32-channel transmitter with 1.2-A pulser, T/R switch, and integrated transmit beamformer
TX7316 TI1-TX7316 Datasheet
274Kb / 7P
Three-level, 16-channel or five-level, 8-channel transmitter with 2.4-A pulser, T/R switch, and integrated transmit beamformer
TX7516 TI-TX7516 Datasheet
594Kb / 8P
TX7516 Five-Level, 16-Channel Transmitter with T/R Switch, and On-Chip Beamformer
logo
Maxim Integrated Produc...
MAX14808 MAXIM-MAX14808_V01 Datasheet
728Kb / 31P
Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
2013
logo
Texas Instruments
TX7516 TI-TX7516_V01 Datasheet
626Kb / 9P
TX7516 Five-Level, 16-Channel Transmitter with T/R Switch, and On-Chip Beamformer
MARCH 2022
logo
STMicroelectronics
STHV1600 STMICROELECTRONICS-STHV1600 Datasheet
1Mb / 4P
16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer
May 2020 Rev 2
logo
Texas Instruments
TX75E16 TI1-TX75E16 Datasheet
480Kb / 6P
TX75E16 5-Level, 16-Channel Transmitter with T/R Switch, On-Chip Beamformer, and Enhanced Load Damping Features
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com