Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK33X2D Datasheet (PDF) - Power Integrations, Inc.

LNK33X2D Datasheet PDF - Power Integrations, Inc.
Part # LNK33X2D
Download  LNK33X2D Download
File Size   1814.83 Kbytes
Page   24 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description LinkSwitch-TNZ Family

LNK33X2D Datasheet (PDF)

Go To PDF Page Download Datasheet
LNK33X2D Datasheet PDF - Power Integrations, Inc.

Part # LNK33X2D
Download  LNK33X2D Click to download

File Size   1814.83 Kbytes
Page   24 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description LinkSwitch-TNZ Family

LNK33X2D Datasheet (HTML) - Power Integrations, Inc.


LNK33X2D Product details

Enhanced Safety and Reliability Features
• Soft-start limits system component stress at start-up
• Auto-restart for short-circuit and open loop faults
• Output overvoltage protection (OVP)
• Line input overvoltage protection (OVL)
• Hysteretic over-temperature protection (OTP)
• Extended creepage between DRAIN pin and all other pins improves
field reliability
• 725 V MOSFET rating for excellent surge withstand
• Nemko (EN62368-1) and CB (IEC62368-1) certifications
EcoSmart™– Extremely Energy Efficient
• IC standby supply current <100 mA
• On/Off control provides constant efficiency over a wide load range
• Easily meets all global energy efficiency regulations
• No-load consumption <30 mW with external bias
Applications
• Home and building automation
• Dimmers, switches and sensors with and w/o Neutral wire
• Appliances
• IoT and industrial controls
Description
The LinkSwitch™-TNZ family of ICs combine power conversion with
lossless generation of AC zero crossing signal used typically for system
clock and timing functions. Designs using the highly integrated
LinkSwitch-TNZ ICs are more flexible than discrete implementations
reducing component count by 40% or higher. Besides enabling 80+
efficiencies in low power flyback designs, very low consumption at light
loads enabled by On/Off control allow for more functions (display, wireless
connectivity, sensors etc.) to be active during system standby. The
device family supports buck, buck-boost and flyback converter topologies.
Each device incorporates a 725 V power MOSFET, oscillator, a
high-voltage switched current source for self-biasing, frequency jittering,
fast (cycle-by-cycle) current limit, hysteretic thermal shutdown, and
output and input overvoltage protection circuitry onto a monolithic IC.
LinkSwitch-TNZ ICs consume <100 mA current in standby resulting in
power supply designs that can meet no-load and standby regulations
worldwide. MOSFET current limit modes can be selected through the
BYPASS pin capacitor value. The high current limit level provides
maximum continuous output current while the low level permits using
very low-cost and small surface mount inductors. A full suite of
protection features enables safe and reliable power supplies protecting
the device and the system against input and output overvoltage faults,
device over-temperature faults, lost regulation, and power supply
output overload or short-circuit faults.




Similar Part No. - LNK33X2D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK33X2D POWERINT-LNK33X2D Datasheet
1Mb / 24P
Energy Efficient Off-line Switcher IC with Best-in-Class Light Load Efficiency and Lossless AC Zero-Cross Detection
June 2021
LNK33X2D-TL POWERINT-LNK33X2D-TL Datasheet
1Mb / 24P
Energy Efficient Off-line Switcher IC with Best-in-Class Light Load Efficiency and Lossless AC Zero-Cross Detection
June 2021
More results


Similar Description - LNK33X2D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-85 POWERINT-EPR-85 Datasheet
2Mb / 32P
Engineering Prototype Report for EP 85 - 2 W Charger using LinkSwitch-LP
LNK403 POWERINT-LNK403 Datasheet
2Mb / 20P
LinkSwitch-PH LED Driver IC Family
LNK302GN POWERINT-LNK302GN Datasheet
712Kb / 20P
LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK362GN-TL POWERINT-LNK362GN-TL Datasheet
789Kb / 16P
LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
LNK501PN POWERINT-LNK501PN Datasheet
817Kb / 20P
LinkSwitch Family Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK305GN-TL POWERINT-LNK305GN-TL Datasheet
712Kb / 20P
LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK562DN POWERINT-LNK562DN Datasheet
1,018Kb / 16P
LinkSwitch-LP Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
MC9S12C Family MC9S12GC Family Reference Manual
logo
Power Integrations, Inc...
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com