Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK33X2D Datasheet (PDF) - Power Integrations, Inc.

LNK33X2D Datasheet PDF - Power Integrations, Inc.
Part # LNK33X2D
Download  LNK33X2D Download
File Size   1814.75 Kbytes
Page   24 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Energy Efficient Off-line Switcher IC with Best-in-Class Light Load Efficiency and Lossless AC Zero-Cross Detection

LNK33X2D Datasheet (PDF)

Go To PDF Page Download Datasheet
LNK33X2D Datasheet PDF - Power Integrations, Inc.

Part # LNK33X2D
Download  LNK33X2D Click to download

File Size   1814.75 Kbytes
Page   24 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Energy Efficient Off-line Switcher IC with Best-in-Class Light Load Efficiency and Lossless AC Zero-Cross Detection

LNK33X2D Datasheet (HTML) - Power Integrations, Inc.


LNK33X2D Product details

Highest Performance and Design Flexibility
• Lossless zero cross signal generation
• Supports buck, buck-boost and flyback topologies
• Enables ±3% regulation across line and load
• Selectable device current limit
• 66 kHz operation with accurate current limit
• Allows the use of low-cost off-the-shelf inductors
• Reduces size and cost of magnetics and output capacitor
• Frequency jittering reduces EMI filter complexity
• X capacitor discharge function (LNK331x only)
Enhanced Safety and Reliability Features
• Soft-start limits system component stress at start-up
• Auto-restart for short-circuit and open loop faults
• Output overvoltage protection (OVP)
• Line input overvoltage protection (OVL)
• Hysteretic over-temperature protection (OTP)
• Extended creepage between DRAIN pin and all other pins improves
field reliability
• 725 V MOSFET rating for excellent surge withstand
• Nemko (EN62368-1) and CB (IEC62368-1) certifications
EcoSmart™– Extremely Energy Efficient
• IC standby supply current <100 mA
• On/Off control provides constant efficiency over a wide load range
• Easily meets all global energy efficiency regulations
• No-load consumption <30 mW with external bias
Applications
• Home and building automation
• Dimmers, switches and sensors with and w/o Neutral wire
• Appliances
• IoT and industrial controls




Similar Part No. - LNK33X2D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK33X2D POWERINT-LNK33X2D Datasheet
1Mb / 24P
LinkSwitch-TNZ Family
June 2021
More results


Similar Description - LNK33X2D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
Lowest Component Count, Energy Efficient Off-Line Switcher IC
LNK353 POWERINT-LNK353 Datasheet
859Kb / 16P
Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
Energy Efficient, Low Power Off-Line Switcher IC
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302DN-TL POWERINT-LNK302DN-TL Datasheet
1Mb / 18P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302DG-TL POWERINT-LNK302DG-TL Datasheet
993Kb / 18P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
Energy-Efficient, Low Power Off-Line Switcher IC
LNK302 POWERINT-LNK302_V01 Datasheet
1Mb / 19P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-Line Switcher IC
December 2021
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com