Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK574DG Datasheet (PDF) - Power Integrations, Inc.

LNK574DG Datasheet PDF - Power Integrations, Inc.
Part # LNK574DG
Download  LNK574DG Download
File Size   1343.47 Kbytes
Page   18 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load

LNK574DG Datasheet (PDF)

Go To PDF Page Download Datasheet
LNK574DG Datasheet PDF - Power Integrations, Inc.

Part # LNK574DG
Download  LNK574DG Click to download

File Size   1343.47 Kbytes
Page   18 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load

LNK574DG Datasheet (HTML) - Power Integrations, Inc.


LNK574DG Product details

Applications
• Chargers for cell/cordless phones, PDAs, power tools, MP3/portable
audio devices, shavers, etc.
• Standby power supply for TV, video displays, and appliances
Description
The LinkZero™-LP controller incorporates new technology which
enables the device to automatically enter into and wake up from
no-load mode or with 1 mW load while taking less than 5 mW from the
AC power. IEC 62301 specifies measurements of standby power to a
minimum accuracy of 10 mW, and so LinkZero-LP’s consumption of
substantially less than 5 mW at 230 VAC rounds to zero based on the
IEC definition. This low power level is also immeasurable on most
power meters. The accurately specified FEEDBACK (FB) pin voltage
reference enables universal input primary-side regulated power
supplies with accurate constant voltage from 5% to full load. The
start-up and operating power are derived directly from the DRAIN pin
which eliminates start-up circuitry. The internal oscillator frequency is
jittered to significantly reduce both quasi-peak and average EMI,
minimizing filter cost.




Similar Part No. - LNK574DG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK574DG POWERINT-LNK574DG Datasheet
1Mb / 16P
Zero No-Load Consumption Integrated Off-Line Switcher
LNK574DG POWERINT-LNK574DG Datasheet
1Mb / 18P
Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
LNK574DG-TL POWERINT-LNK574DG-TL Datasheet
1Mb / 18P
Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
More results


Similar Description - LNK574DG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-28 POWERINT-DI-28 Datasheet
49Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-77 POWERINT-DI-77 Datasheet
414Kb / 2P
3 W Adapter: <200 mW No-Load Consumption
DI-84 POWERINT-DI-84 Datasheet
393Kb / 2P
3 W Charger: <30 mW No-load Consumption
LNK574 POWERINT-LNK574 Datasheet
1Mb / 16P
Zero No-Load Consumption Integrated Off-Line Switcher
logo
Astec America, Inc
ALQ15 ASTEC-ALQ15 Datasheet
408Kb / 2P
Regulation to zero load
BK60C ASTEC-BK60C Datasheet
78Kb / 2P
Regulation to zero load
logo
STMicroelectronics
A5974AD STMICROELECTRONICS-A5974AD Datasheet
1Mb / 49P
Zero load current operation
19-Apr-2011
A5974D STMICROELECTRONICS-A5974D Datasheet
2Mb / 46P
Zero load current operation
03-Jun-2014
L6902 STMICROELECTRONICS-L6902 Datasheet
203Kb / 11P
Zero load current operation
26-Nov-2010
logo
Power Integrations, Inc...
LNK574 POWERINT-LNK574_V01 Datasheet
1Mb / 18P
Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com