Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-77 Datasheet (PDF) - Power Integrations, Inc.

DI-77 Datasheet PDF - Power Integrations, Inc.
Part # DI-77
Download  DI-77 Download
File Size   414.27 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 3 W Adapter: <200 mW No-Load Consumption

DI-77 Datasheet (PDF)

Go To PDF Page Download Datasheet
DI-77 Datasheet PDF - Power Integrations, Inc.

Part # DI-77
Download  DI-77 Click to download

File Size   414.27 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 3 W Adapter: <200 mW No-Load Consumption

DI-77 Datasheet (HTML) - Power Integrations, Inc.




Similar Part No. - DI-77

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-70 POWERINT-DI-70 Datasheet
348Kb / 2P
PoE Detection and Classification (Class 0) Interface Circuit
DI-74 POWERINT-DI-74 Datasheet
279Kb / 2P
1.25 W Non-Isolated Constant Current LED Driver
DI-75 POWERINT-DI-75 Datasheet
352Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-76 POWERINT-DI-76 Datasheet
285Kb / 2P
3.1 W Low Parts Count Power Supply
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
More results


Similar Description - DI-77

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-27 POWERINT-DI-27 Datasheet
51Kb / 2P
3 W AC Adapter: <10 mW No-load Consumption
DI-28 POWERINT-DI-28 Datasheet
49Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-33 POWERINT-DI-33 Datasheet
59Kb / 2P
Wide Range DVD Supply: <50 mW No-load Consumption
DI-84 POWERINT-DI-84 Datasheet
393Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-116 POWERINT-DI-116 Datasheet
448Kb / 2P
28 W Multiple Output Supply with <50 mW o-Load Consumption
DI-117 POWERINT-DI-117 Datasheet
262Kb / 2P
15 W, 12 V Adapter with <100 mW No-Load Consumption
DI-118 POWERINT-DI-118 Datasheet
396Kb / 2P
4.5 W CV/CC Charger with <260 mW No-Load Consumption
DI-122 POWERINT-DI-122 Datasheet
382Kb / 2P
13 W (17.2 W Peak) Non-Isolated Power Supply for White Goods: <150 mW No-load Power Consumption
logo
Minmax Technology Co., ...
MJW15 MINMAX-MJW15 Datasheet
526Kb / 10P
Low No Load Power Consumption
logo
Power Integrations, Inc...
LNK574 POWERINT-LNK574_V01 Datasheet
1Mb / 18P
Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com