Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-77 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-77
Description  3 W Adapter: <200 mW No-Load Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-77 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-77 Datasheet HTML 1Page - Power Integrations, Inc. DI-77 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design Idea DI-77
TinySwitch-II 3 W Adapter:
<200 mW No-Load Consumption
(a similarly rated linear transformer adapter will typically
consume approximately 1 W under no-load). This low no-load
consumption is the result of the inherent cycle skipping feature
of the TinySwitch-II and careful transformer design.
Key Design Points
• Minimize secondary-side power consumption. Zener diode
VR1 receives its bias current from the opto-LED in U2.
Using a low current device minimizes consumption while
providing an output voltage tolerance of ±5%. A TL431
can be used for tighter output voltage accuracy.
• Minimize clamp losses: design the transformer to have a low
reflected voltage (V
OR). In this case, VOR was set to ≈ 90 V.
• Minimize leakage inductance: select wire gauge sizes that
completely fill each winding layer of the transformer.
• Minimize intra-winding capacitance and no-load
consumption: put a layer of tape between each primary
winding layer.
• Use >200 kΩ resistor in the RCD clamp to further reduce
power losses if the following two conditions are met: 1) the
EMIperformanceisnotcompromised,and2)thereisenough
drain voltage (BV
DSS) margin for the internal MOSFET.
www.powerint.com
Figure 1. TinySwitch-II 3.0 W Adapter.
DI-77
®
May 2004
Application
Device
Power Output
Input Voltage
Output Voltage
Topology
Adapter
TNY263P
3 W
85-265 VAC
9 V / 330 mA
Flyback
PI-3877-060404
D
S
BP
EN
85 - 265
VAC
RTN
N
L
9 V, 330 mA
RF1
8.2
Ω
1.0 W
D1
1N4007
D2
1N4007
D3
1N4007
D4
1N4007
C1
4.7
µF
400 V
L2
Bead
L3
Bead
L1
1.0 mH
C3
1 nF
1 kV
C7
1
µF
50 V
U1
TNY263P
C4
0.1
µF
50 V
U2
PC817A
D6
11DQ06
NC NC
T1
EE16
Lp = 1.6 mH
C5
330
µF
16 V
C6
100
µF
25 V
R2
16
Ω
R1
200 k
Ω
1/2 W
R3
200
Ω
D5
1N4007G
VR1
BZX79-B8V2
C2
4.7
µF
400 V
TinySwitch-II
1
3
10
8
Design Highlights
• Replaces a linear transformer based power supply at the
same or lower cost, but with much higher performance
• <200 mW no-load consumption (at 115/230 VAC)
• Meets CISPR 22-B with >15 dB margin, w/o Y capacitor
• Low cost, low component count solution: only 24 parts!
• TinySwitch-II On/Off regulation scheme produces ±5%
output regulation over temperature with a 2% Zener
• Does not require a transformer bias winding
Operation
ThisTinySwitch-IIbasedflybackconverterproducesanisolated
3W, 9VDC output from an 85VAC to 265VAC input. Fusible
resistorRF1givesshortcircuitfaultprotectionandlimitsstartup
inrush current. Inductors L1 and L2 and capacitors C1 and C2
form a low-cost pi (π) filter that attenuates conducted EMI. In
addition, the internal frequency jitter of the TinySwitch-II, the
use of shield windings, an output RC snubber, and a primary-
side RCD clamp makes the circuit meet CISPR-22 Class B
conducted EMI limits without aYcapacitor, resulting in a very
low value of AC leakage current (<300 µA).
The key performance characteristic of this circuit is the
extremely low no-load power consumption of <200 mW


Similar Part No. - DI-77

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-70 POWERINT-DI-70 Datasheet
348Kb / 2P
PoE Detection and Classification (Class 0) Interface Circuit
DI-74 POWERINT-DI-74 Datasheet
279Kb / 2P
1.25 W Non-Isolated Constant Current LED Driver
DI-75 POWERINT-DI-75 Datasheet
352Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-76 POWERINT-DI-76 Datasheet
285Kb / 2P
3.1 W Low Parts Count Power Supply
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
More results

Similar Description - DI-77

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-27 POWERINT-DI-27 Datasheet
51Kb / 2P
3 W AC Adapter: <10 mW No-load Consumption
DI-28 POWERINT-DI-28 Datasheet
49Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-33 POWERINT-DI-33 Datasheet
59Kb / 2P
Wide Range DVD Supply: <50 mW No-load Consumption
DI-84 POWERINT-DI-84 Datasheet
393Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-116 POWERINT-DI-116 Datasheet
448Kb / 2P
28 W Multiple Output Supply with <50 mW o-Load Consumption
DI-117 POWERINT-DI-117 Datasheet
262Kb / 2P
15 W, 12 V Adapter with <100 mW No-Load Consumption
DI-118 POWERINT-DI-118 Datasheet
396Kb / 2P
4.5 W CV/CC Charger with <260 mW No-Load Consumption
DI-122 POWERINT-DI-122 Datasheet
382Kb / 2P
13 W (17.2 W Peak) Non-Isolated Power Supply for White Goods: <150 mW No-load Power Consumption
logo
Minmax Technology Co., ...
MJW15 MINMAX-MJW15 Datasheet
526Kb / 10P
Low No Load Power Consumption
logo
Power Integrations, Inc...
LNK574 POWERINT-LNK574_V01 Datasheet
1Mb / 18P
Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com