Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-77 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-77
Description  3 W Adapter: <200 mW No-Load Consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-77 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-77 Datasheet HTML 1Page - Power Integrations, Inc. DI-77 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
DI-77
A
5/04
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
The PI logo,
TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations. PI Expert and DPA-Switch
are trademarks of Power Integrations.
Copyright 2004, Power Integrations
Power Integrations may make changes to its products at any time. Power Integrations has no liability arising from your use of any information, device or circuit
described herein nor does it convey any license under its patent rights or the rights of others. POWER INTEGRATIONS MAKES NO WARRANTIES HEREIN AND
SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATIONS, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A
PARTICULAR PURPOSE, AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (including circuits external to the
products and transformer construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications
assigned to Power Integrations. A complete list of Power Integrations' patents may be found at
www.powerint.com.
For the latest updates, visit
www.powerint.com
Table 1. Transformer Design Parameters.
Figure 3. Load Regulation–CV Characteristics.
Figure 2. Conducted EMI, Full-Load, 230 VAC, Power Return
Connected to "Artificial Hand" of LISN.
TRANSFORMER PARAMETERS
Core Material
TDK PC40 EE16,
A
L = 190 nH/T
2
Bobbin
EE16 Horizontal 10 pin
Winding Details
Core Cancellation: 26T,
2 x 36 AWG
Primary: 46T + 46T, 35 AWG
Shield: 8T, 2 x 26 AWG
Secondary: 10T, T.I.W. 24 AWG
Winding Order
(pin numbers)
Core Cancellation (1-NC),
2 x Tape, Primary (3-1), Tape,
Shield (2-NC), 2 x Tape,
Secondary (10-8)
Primary
Inductance
1.60 mH ±10%
Primary Resonant
Frequency
600 kHz (minimum)
Leakage
Inductance
50
µH (maximum)
1.0
0.15
10.0
-100.0
-20
-10
0
10
20
30
40
50
60
80
70
MHz
QP
AV
Average
Quasi Peak
10.0
9.5
8.5
9.0
Output Current (mA)
6
6.5
7.0
7.5
8.0
200
150
100
50
0
350
300
250
85 VAC
265 VAC
300
250
Input Voltage (VAC)
0
50
100
150
200
230
180
130
80
280
Figure 4. No-Load Input Power Variation with Input
Voltage.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com