Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC1583 Datasheet (PDF) - Texas Instruments

UCC1583 Datasheet PDF - Texas Instruments
Part # UCC1583
Download  UCC1583 Download
File Size   971.11 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Switch Mode Secondary Side Post Regulator

UCC1583 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC1583 Datasheet PDF - Texas Instruments

Part # UCC1583
Download  UCC1583 Click to download

File Size   971.11 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Switch Mode Secondary Side Post Regulator

UCC1583 Datasheet (HTML) - Texas Instruments


UCC1583 Product details

FEATURES
• Precision Secondary Side Post
Regulation for Multiple Output Power
Supplies
• Useful for Both Single Ended and
Center Tapped Secondary Circuits
• Ideal Replacement for Complex
Magnetic Amplifier Regulated Circuits
• Leading Edge Modulation
• Does Not Require Gate Drive
Transformer
• High Frequency (>500kHz) Operation
• Applicable for Wide Range of Output
Voltages
• High Current Gate Driver (0.5A
Sink/1.5A Source)
• Average Current Limiting Loop

DESCRIPTION
The UCC3583 is a synchronizable secondary side post regulator for precision
regulation of the auxiliary outputs of multiple output power supplies. It
contains a leading edge pulse width modulator, which generates the gate
drive signal for a FET power switch connected in series with the rectifying
diode. The turn-on of the power switch is delayed from the leading edge of
the secondary power pulse to regulate the output voltage. The UCC3583
contains a ramp generator slaved to the secondary power pulse, a voltage
error amplifier, a current error amplifier, a PWM comparator and associated
logic, a gate driver, a precision reference, and protection circuitry.
The ramp discharge and termination of the gate drive signal are triggered
by the synchronization pulse, typically derived from the falling edge of the
transformer secondary voltage. The ramp starts charging again once its
low threshold is reached. The gate drive signal is turned on when the ramp
voltage exceeds the control voltage. This leading edge modulation technique
prevents instability when the UCC3583 is used in peak current mode
primary controlled systems.
The controller operates from a floating power supply referenced to the output
voltage being controlled. It features an undervoltage lockout (UVLO)
circuit, a soft start circuit, and an averaging current limit amplifier. The current
limit can be programmed to be proportional to the output voltage, thus
achieving foldback operation to minimize the dissipation under short circuit
conditions.




Similar Part No. - UCC1583

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1583 TI-UCC1583 Datasheet
408Kb / 10P
Switch Mode Secondary Side Post Regulator
More results


Similar Description - UCC1583

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
Secondary Side Synchronous Post Regulator
UCC1583 TI-UCC1583 Datasheet
408Kb / 10P
Switch Mode Secondary Side Post Regulator
logo
National Semiconductor ...
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
Secondary Side Post Regulator Controller
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
Secondary Side Post Regulator Controller
logo
Texas Instruments
UCC3583D TI1-UCC3583D Datasheet
1Mb / 18P
Switch Mode Secondary Side Post Regulator
logo
Linear Technology
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
Secondary Side Synchronous Post Regulator
logo
Texas Instruments
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
LM25115 TI-LM25115_15 Datasheet
951Kb / 23P
LM25115 Secondary Side Post Regulator Controller
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
Secondary Side Synchronous Post Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com