Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLMN81G2 Datasheet (PDF) - OSRAM GmbH

SPLMN81G2 Datasheet PDF - OSRAM GmbH
Part # SPLMN81G2
Download  SPLMN81G2 Download
File Size   205.6 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Passively Cooled Diode Laser Bar, 50 W cw at 808 nm

SPLMN81G2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPLMN81G2 Datasheet PDF - OSRAM GmbH

Part # SPLMN81G2
Download  SPLMN81G2 Click to download

File Size   205.6 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Passively Cooled Diode Laser Bar, 50 W cw at 808 nm

SPLMN81G2 Datasheet (HTML) - OSRAM GmbH


SPLMN81G2 Product details

Features
• Laser bar mounted on passive mount, no water
   required
• For continuous wave (cw) and quasi continuous
   wave (qcw) operation
• Highly reliable semiconductor material with
   minimum life time of 10,000 h,
   typically >50,000 h
• Low thermal resistance
• Low smile (< 2.5 μm) and low mechanical
   tolerances

Applications
• Pumping of solid state lasers
• Direct industrial applications (soldering, surface
   treatment,…)
• Medical applications
• Printing applications




Similar Part No. - SPLMN81G2

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLMN81S9 OSRAM-SPLMN81S9 Datasheet
206Kb / 7P
Passively Cooled Diode Laser Bar, 150 W qcw at 808 nm
SPLMN81X2 OSRAM-SPLMN81X2 Datasheet
205Kb / 7P
Passively Cooled Diode Laser Bar, 40 W cw at 808 nm
More results


Similar Description - SPLMN81G2

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLE10N81G2 OSRAM-SPLE10N81G2 Datasheet
229Kb / 7P
Actively Cooled Diode Laser Bar, 600 W cw at 808 nm
SPLE20N81G2 OSRAM-SPLE20N81G2 Datasheet
229Kb / 7P
Actively Cooled Diode Laser Bar, 1200 W cw at 808 nm
SPLMN81S9 OSRAM-SPLMN81S9 Datasheet
206Kb / 7P
Passively Cooled Diode Laser Bar, 150 W qcw at 808 nm
SPLMN81X2 OSRAM-SPLMN81X2 Datasheet
205Kb / 7P
Passively Cooled Diode Laser Bar, 40 W cw at 808 nm
SPLMN91G2 OSRAM-SPLMN91G2 Datasheet
205Kb / 7P
Passively Cooled Diode Laser Bar, 50 W cw at 915 nm
SPLMN98X2 OSRAM-SPLMN98X2 Datasheet
205Kb / 7P
Passively Cooled Diode Laser Bar, 40 W cw at 808 nm
SPLMY81G2 OSRAM-SPLMY81G2 Datasheet
206Kb / 7P
Passively Cooled Diode Laser Bar, 45 W cw at 808 nm
SPLMY81S9 OSRAM-SPLMY81S9 Datasheet
205Kb / 7P
Passively Cooled Diode Laser Bar, 140 W cw at 808 nm
SPLMY81X2 OSRAM-SPLMY81X2 Datasheet
205Kb / 7P
Passively Cooled Diode Laser Bar, 35 W cw at 808 nm
SPLMN94X2 OSRAM-SPLMN94X2 Datasheet
205Kb / 7P
Passively Cooled Diode Laser Bar, 40 W cw at 940 nm
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com