Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2931-110 Datasheet (PDF) - STMicroelectronics

AM2931-110 Datasheet PDF - STMicroelectronics
Part # AM2931-110
Download  AM2931-110 Download
File Size   60.74 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS

AM2931-110 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM2931-110 Datasheet PDF - STMicroelectronics

Part # AM2931-110
Download  AM2931-110 Click to download

File Size   60.74 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS

AM2931-110 Datasheet (HTML) - STMicroelectronics


AM2931-110 Product details

DESCRIPTION
The AM2931-110 is a high power silicon bipolar NPN transistor specifically designed for S-Band radar pulsed output and driver applications.
This device is capable of operation over a wide range of pulse widths, duty cycles and temperatures and can withstand a 3:1 output VSWR. Low RF thermal resistance, refractory/gold metallization, and computerized automatic wire bonding techniques ensure high reliability and product consistency (including phase characteristics).
The AM2931-110 is supplied in the BIGPAC™ Hermetic Metal/Ceramic package with internal Input/Output matching circuitry, and is intended for military and other high reliability applications.

■ REFRACTORY/GOLD METALLIZATION
■ EMITTER SITE BALLASTED
■ 3:1 VSWR CAPABILITY
■ LOW THERMAL RESISTANCE
■ INPUT/OUTPUT MATCHING
■ OVERLAY GEOMETRY
■ METAL/CERAMIC HERMETIC PACKAGE
■ POUT =105 W MIN. WITH 6.2 dB GAIN




Similar Part No. - AM2931-110

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29325 AMD-AM29325 Datasheet
583Kb / 12P
Multilevel Pipeline Registers
Rev. B
More results


Similar Description - AM2931-110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM2729-110 STMICROELECTRONICS-AM2729-110 Datasheet
61Kb / 4P
S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM82731-003 STMICROELECTRONICS-AM82731-003 Datasheet
61Kb / 4P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Aug-1992
AM82731-025 STMICROELECTRONICS-AM82731-025 Datasheet
60Kb / 4P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Aug-1992
AM82731-050 STMICROELECTRONICS-AM82731-050 Datasheet
61Kb / 4P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Aug-1992
AM83135-001 STMICROELECTRONICS-AM83135-001 Datasheet
78Kb / 5P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
03-Feb-1997
AM83135-010 STMICROELECTRONICS-AM83135-010 Datasheet
61Kb / 4P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
27-Jul-1994
AM83135-015 STMICROELECTRONICS-AM83135-015 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
27-Jul-1994
AM83135-030 STMICROELECTRONICS-AM83135-030 Datasheet
57Kb / 3P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Sep-1992
AM83135-040 STMICROELECTRONICS-AM83135-040 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Sep-1992
logo
Advanced Power Technolo...
MS2604 ADPOW-MS2604 Datasheet
120Kb / 3P
RF& MICROWAVE TRANSISTORS S BAND RADAR APPLICATIONS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com