Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2931-110 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AM2931-110
Description  S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM2931-110 Datasheet(HTML) 1 Page - STMicroelectronics

  AM2931-110 Datasheet HTML 1Page - STMicroelectronics AM2931-110 Datasheet HTML 2Page - STMicroelectronics AM2931-110 Datasheet HTML 3Page - STMicroelectronics AM2931-110 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
August 1992
S-BAND RADAR APPLICATIONS
RF & MICROWAVE TRANSISTORS
.400 x .500 2L SFL (S138)
hermetically sealed
.
REFRACTORY/GOLD METALLIZATION
.
EMITTER SITE BALLASTED
.
3:1 VSWR CAPABILITY
.
LOW THERMAL RESISTANCE
.
INPUT/OUTPUT MATCHING
.
OVERLAY GEOMETRY
.
METAL/CERAMIC HERMETIC PACKAGE
.
POUT
=105 W MIN. WITH 6.2 dB GAIN
DESCRIPTION
The AM2931-110 is a high power silicon bipolar
NPN transistor specifically designed for S-Band
radar pulsed output and driver applications.
This device is capable of operation over a wide
range of pulse widths, duty cycles and tempera-
tures and can withstand a 3:1 output VSWR. Low
RF thermal resistance, refractory/gold metalliza-
tion, and computerized automatic wire bonding
techniques ensure high reliability and product con-
sistency (including phase characteristics).
The AM2931-110 is supplied in the BIGPAC
™ Her-
metic M etal/Ceramic package with i nternal
Input/Output matching circuitry, and is intended
for military and other high reliability applications.
PIN CONNECTION
BRANDING
2931-110
ORDER CODE
AM2931-110
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
PDISS
Power Dissipation*
(TC
≤ 100°C)
375
W
IC
Device Current*
12
A
VCC
Collector-Supply Voltage*
48
V
TJ
Junction Temperature (Pulsed RF Operation)
250
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance*
0.40
°C/W
*Applies only to rated RF amplifier operation
AM2931-110
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
1/4


Similar Part No. - AM2931-110

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29325 AMD-AM29325 Datasheet
583Kb / 12P
Multilevel Pipeline Registers
Rev. B
More results

Similar Description - AM2931-110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM2729-110 STMICROELECTRONICS-AM2729-110 Datasheet
61Kb / 4P
S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM82731-003 STMICROELECTRONICS-AM82731-003 Datasheet
61Kb / 4P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Aug-1992
AM82731-025 STMICROELECTRONICS-AM82731-025 Datasheet
60Kb / 4P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Aug-1992
AM82731-050 STMICROELECTRONICS-AM82731-050 Datasheet
61Kb / 4P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Aug-1992
AM83135-001 STMICROELECTRONICS-AM83135-001 Datasheet
78Kb / 5P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
03-Feb-1997
AM83135-010 STMICROELECTRONICS-AM83135-010 Datasheet
61Kb / 4P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
27-Jul-1994
AM83135-015 STMICROELECTRONICS-AM83135-015 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
27-Jul-1994
AM83135-030 STMICROELECTRONICS-AM83135-030 Datasheet
57Kb / 3P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Sep-1992
AM83135-040 STMICROELECTRONICS-AM83135-040 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Sep-1992
logo
Advanced Power Technolo...
MS2604 ADPOW-MS2604 Datasheet
120Kb / 3P
RF& MICROWAVE TRANSISTORS S BAND RADAR APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com