Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL040 Datasheet (PDF) - Texas Instruments

ADC12DL040 Datasheet PDF - Texas Instruments
Part # ADC12DL040
Download  ADC12DL040 Download
File Size   962.9 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter

ADC12DL040 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC12DL040 Datasheet PDF - Texas Instruments

Part # ADC12DL040
Download  ADC12DL040 Click to download

File Size   962.9 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter

ADC12DL040 Datasheet (HTML) - Texas Instruments


ADC12DL040 Product details

1FEATURES
23• Single +3.0V Supply Operation
• Internal Sample-and-Hold
• Internal Reference
• Outputs 2.4V to 3.6V Compatible
• Power Down Mode
• Duty Cycle Stabilizer
• Multiplexed Output Mode

APPLICATIONS
• Ultrasound and Imaging
• Instrumentation
• Communications Receivers
• Sonar/Radar
• xDSL
• Cable Modems
• DSP Front Ends

KEY SPECIFICATIONS
• Resolution 12 Bits
• DNL ±0.3 LSB (typ)
• SNR (fIN = 10 MHz) 69 dB (typ)
• SFDR (fIN = 10 MHz) 85 dB (typ)
• Data Latency 7 Clock Cycles
• Power Consumption
– Operating 210 mW (typ)
– Power Down Mode 36 mW (typ)

DESCRIPTION
The ADC12DL040 is a dual, low power monolithic
CMOS analog-to-digital converter capable of
converting analog input signals into 12-bit digital
words at 40 Megasamples per second (MSPS). This
converter uses a differential, pipeline architecture with
digital error correction and an on-chip sample-and- hold circuit to minimize power consumption while
providing excellent dynamic performance and a 250
MHz Full Power Bandwidth. Operating on a single
3.0V power supply, the ADC12DL040 achieves 11.1
effective bits at nyquist and consumes just 210 mW
at 40 MSPS, including the reference current. The
Power Down feature reduces power consumption to
36 mW.
The differential inputs provide a full scale differential
input swing equal to 2 times VREF with the possibility
of a single-ended input. Full use of the differential
input is recommended for optimum performance. The
digital outputs from the two ADC's are available on a
single multiplexed 12-bit bus or on separate buses.
Duty cycle stabilization and output data format are
selectable using a quad state function pin. The output
data can be set for offset binary or two's complement.
To ease interfacing to lower voltage systems, the digital output driver power pins of the ADC12DL040
can be connected to a separate supply voltage in the
range of 2.4V to the analog supply voltage.
This device is available in the 64-lead TQFP package
and will operate over the industrial temperature range
of −40°C to +85°C. An evaluation board is available to ease the evaluation process.




Similar Part No. - ADC12DL040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12DL040 NSC-ADC12DL040 Datasheet
1Mb / 26P
Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
logo
Texas Instruments
ADC12DL040 TI1-ADC12DL040 Datasheet
1Mb / 38P
ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
ADC12DL040 TI1-ADC12DL040 Datasheet
1Mb / 37P
210mW A/D Converter
ADC12DL040 TI2-ADC12DL040 Datasheet
895Kb / 34P
ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
REVISED APRIL 2013
ADC12DL040CIVS TI1-ADC12DL040CIVS Datasheet
1Mb / 38P
ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
More results


Similar Description - ADC12DL040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9224 AD-AD9224 Datasheet
309Kb / 24P
Complete 12-Bit 40 MSPS Monolithic A/D Converter
REV.A
AD9238 AD-AD9238 Datasheet
1Mb / 24P
12-Bit, 20/40/65 MSPS Dual A/D Converter
9/03-Data Sheet changed from REV. 0 to REV. A.
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
ADC12DL040 NSC-ADC12DL040 Datasheet
1Mb / 26P
Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
logo
Analog Devices
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
4/05-Rev. A to Rev. B
logo
Hittite Microwave Corpo...
HMCAD1050-40 HITTITE-HMCAD1050-40 Datasheet
788Kb / 14P
Dual 13/12-Bit 20/40 MSPS A/D Converter
logo
Texas Instruments
ADC12DL040 TI1-ADC12DL040_13 Datasheet
1Mb / 38P
ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
logo
Analog Devices
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD10242 AD-AD10242_15 Datasheet
319Kb / 16P
Dual, 12-Bit, 40 MSPS MCM A/D Converter
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com