Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9224 Datasheet (PDF) - Analog Devices

AD9224 Datasheet PDF - Analog Devices
Part # AD9224
Download  AD9224 Download
File Size   309.06 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit 40 MSPS Monolithic A/D Converter

AD9224 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9224 Datasheet PDF - Analog Devices

Part # AD9224
Download  AD9224 Click to download

File Size   309.06 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit 40 MSPS Monolithic A/D Converter

AD9224 Datasheet (HTML) - Analog Devices


AD9224 Product details

PRODUCT DESCRIPTION
The AD9224 is a monolithic, single supply, 12-bit, 40 MSPS, analog-to-digital converter with an on-chip, high performance sample-and-hold amplifier and voltage reference. The AD9224 uses a multistage differential pipelined architecture with output error correction logic to provide 12-bit accuracy at 40 MSPS data rates, and guarantees no missing codes over the full operating temperature range.
The AD9224 combines a low cost high speed CMOS process and a novel architecture to achieve the resolution and speed of existing bipolar implementations at a fraction of the power consumption and cost.
The input of the AD9224 allows for easy interfacing to both imaging and communications systems. With a truly differential input structure, the user can select a variety of input ranges and offsets, including single-ended applications. The dynamic performance is excellent.
The sample-and-hold (SHA) amplifier is well suited for both multiplexed systems that switch full-scale voltage levels in successive channels and sampling single-channel inputs at frequencies up to and well beyond the Nyquist rate.
The AD9224’s wideband input, combined with the power and cost savings over previously available monolithics, is suitable for applications in communications, imaging and medical ultrasound.
The AD9224 has an onboard programmable reference. An external reference can also be chosen to suit the dc accuracy and temperature drift requirements of the application.

FEATURES
  Monolithic 12-Bit, 40 MSPS A/D Converter
  Low Power Dissipation: 415 mW
  Single +5 V Supply
  No Missing Codes Guaranteed
  Differential Nonlinearity Error: 60.33 LSB
  Complete On-Chip Sample-and-Hold Amplifier and Voltage Reference
  Signal-to-Noise and Distortion Ratio: 68.3 dB
  Spurious-Free Dynamic Range: 81 dB
  Out-of-Range Indicator
  Straight Binary Output Data
  28-Lead SSOP Package
  Compatible with 3 V Logic




Similar Part No. - AD9224

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9224-EB AD-AD9224-EB Datasheet
316Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9224ARS AD-AD9224ARS Datasheet
316Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9224ARSZ AD-AD9224ARSZ Datasheet
316Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
More results


Similar Description - AD9224

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1672 AD-AD1672 Datasheet
465Kb / 20P
Complete 12-Bit, 3 MSPS Monolithic A/D Converter
AD872A AD-AD872A Datasheet
330Kb / 20P
Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV.A
AD9225 AD-AD9225 Datasheet
321Kb / 24P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV.A
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9224ARSZ AD-AD9224ARSZ Datasheet
316Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD1672 AD-AD1672_15 Datasheet
430Kb / 20P
Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
AD871 AD-AD871_15 Datasheet
382Kb / 16P
Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com