Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40174B Datasheet (PDF) - Texas Instruments

CD40174B Datasheet PDF - Texas Instruments
Part # CD40174B
Download  CD40174B Download
File Size   905.47 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Hex D - Type Flip-Flop

CD40174B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD40174B Datasheet PDF - Texas Instruments

Part # CD40174B
Download  CD40174B Click to download

File Size   905.47 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Hex D - Type Flip-Flop

CD40174B Datasheet (HTML) - Texas Instruments


CD40174B Product details

Features:
5.V, 10-V, and 15-V parametric rating
Standsrdized symmetrical output
characteristics
100% tested for quiescent current at 20 V
Maximum input current of 1 pA at 18 V
. over full peckage-temperature range;
100 nA at 18 Vand 25°C
Noise margin (over full package-temperature
range): 1Vat Vpp= SV
2VatVpp=10V
.25VatVpp=15V
Meets all requirements of JEDEC Tentative
Standard No. 13A, “Standard Specifications
for Description of ‘B’ Series CMOS Devices”




Similar Part No. - CD40174B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40174B TI-CD40174B Datasheet
215Kb / 5P
CMOS HEX D-TYPE FLIP-FLOP
CD40174B TI1-CD40174B Datasheet
918Kb / 16P
CMOS HEX D-type Flip-Flop
CD40174B-MIL TI1-CD40174B-MIL Datasheet
918Kb / 16P
CMOS HEX D-type Flip-Flop
logo
National Semiconductor ...
CD40174BC NSC-CD40174BC Datasheet
135Kb / 6P
Hex,Quad D Flip-Flop
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
More results


Similar Description - CD40174B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40174B PHILIPS-HEF40174B Datasheet
62Kb / 5P
Hex D-type flip-flop
January 1995
logo
Texas Instruments
CD40174B TI-CD40174B Datasheet
215Kb / 5P
CMOS HEX D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
Hex D-Type Flip-Flop
logo
Intersil Corporation
CD40174BMS INTERSIL-CD40174BMS Datasheet
70Kb / 8P
CMOS Hex ‘D’-Type Flip-Flop
December 1992
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
Hex Type D Flip-Flop
June, 2011 ??Rev. 7
logo
Texas Instruments
CD40174B TI1-CD40174B_15 Datasheet
918Kb / 16P
CMOS HEX D-type Flip-Flop
CD74AC174 TI1-CD74AC174_14 Datasheet
833Kb / 14P
HEX D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
Hex Type D Flip-Flop
May, 2013 ??Rev. 8
logo
Renesas Technology Corp
CD40174BMS RENESAS-CD40174BMS Datasheet
332Kb / 8P
CMOS Hex ‘D’-Type Flip-Flop
Jan 13, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com