Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4572UBE Datasheet (PDF) - Texas Instruments

CD4572UBE Datasheet PDF - Texas Instruments
Part # CD4572UBE
Download  CD4572UBE Download
File Size   896.17 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Hex Gate

CD4572UBE Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4572UBE Datasheet PDF - Texas Instruments

Part # CD4572UBE
Download  CD4572UBE Click to download

File Size   896.17 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Hex Gate

CD4572UBE Datasheet (HTML) - Texas Instruments


CD4572UBE Product details

Features:
Pin 7 NOR input positioned adjacent
to Vss for easy use of gate as an inverter
Pin 15 NAND input positioned adjacent
to Voo for easy use of gate as an inverter
Standard symmetrical output characteristics
100% tested for quiescent current at 20 V
Maximum input current of 1 yA at 18 V
over full package-temperature range:
100 nA at 18 V and 25°C
5-V, 10-V, and 15-V parametric ratings
Meets all requirements of JEDEC
Standard No. 138, “Standard Specifi-
cations for Description of ‘B’ Series
CMOS Devices”




Similar Part No. - CD4572UBE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4572UBE TI-CD4572UBE Datasheet
1Mb / 16P
CMOS Hex Gate
CD4572UBEE4 TI-CD4572UBEE4 Datasheet
1Mb / 16P
CMOS Hex Gate
More results


Similar Description - CD4572UBE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4572UB TI-CD4572UB Datasheet
277Kb / 6P
CMOS HEX GATE
logo
Integral Corp.
IN74HCT04A INTEGRAL-IN74HCT04A Datasheet
70Kb / 4P
Hex Inverter High-Performance Silicon-Gate CMOS
IN74HC04A INTEGRAL-IN74HC04A Datasheet
70Kb / 4P
Hex Inverter High-Performance Silicon-Gate CMOS
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
Hex Inverter High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
Hex Inverter High-Speed Silicon-Gate CMOS
KK74HC04A KODENSHI-KK74HC04A Datasheet
251Kb / 5P
Hex Inverter High-Performance Silicon-Gate CMOS
KK4069UB KODENSHI-KK4069UB Datasheet
216Kb / 5P
Hex Inverter High-Voltage Silicon-Gate CMOS
KK4503B KODENSHI-KK4503B Datasheet
271Kb / 6P
Hex Buffer High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD4572UBE TI-CD4572UBE Datasheet
1Mb / 16P
CMOS Hex Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com